Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9/1 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8564ACX9/1
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9/1 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8564ACX9/1 Datasheet HTML 19Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 20Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 21Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 22Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 23Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 24Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 25Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 26Page - NXP Semiconductors PCF8564ACX9/1 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
23 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
10. I2C-bus protocol
10.1 Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is
addressed first. The addressing is always carried out with the first byte transmitted after
the start procedure.
The PCF8564A acts as a slave receiver or slave transmitter. Therefore, the clock signal
SCL is only an input signal, but the data signal SDA is a bidirectional line.
Two slave addresses are reserved for the PCF8564A:
Read: A3h (1010 0011)
Write: A2h (1010 0010)
The PCF8564A slave address is shown in Figure 15.
10.2 Clock and calendar READ or WRITE cycles
Figure 17, Figure 18, and Figure 19 show the I2C-bus configuration for the different
PCF8564A READ and WRITE cycles. The word address is a 4-bit value that defines
which register is to be accessed next. The upper four bits of the word address are not
used.
Fig 16. Slave address
mce189
1
0
1
0
0
0
1
R/W
group 1
group 2
Fig 17. Master transmits to slave receiver (WRITE mode)
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory word address
mbd822
n bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com