Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

miniSMDC050F Datasheet(PDF) 3 Page - Tyco Electronics

Part # miniSMDC050F
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

miniSMDC050F Datasheet(HTML) 3 Page - Tyco Electronics

  miniSMDC050F Datasheet HTML 1Page - Tyco Electronics miniSMDC050F Datasheet HTML 2Page - Tyco Electronics miniSMDC050F Datasheet HTML 3Page - Tyco Electronics miniSMDC050F Datasheet HTML 4Page - Tyco Electronics miniSMDC050F Datasheet HTML 5Page - Tyco Electronics miniSMDC050F Datasheet HTML 6Page - Tyco Electronics miniSMDC050F Datasheet HTML 7Page - Tyco Electronics miniSMDC050F Datasheet HTML 8Page - Tyco Electronics miniSMDC050F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
125°C
picoSMD Series
Size 2012 mm/0805 mils
picoSMD035F
0.58
0.51
0.44
0.35
0.32
0.31
0.28
0.24
0.21
0.18
0.16
-
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
0.20
0.17
0.15
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.07
-
nanoSMDC016F
0.21
0.20
0.18
0.16
0.16
0.14
0.13
0.12
0.11
0.10
0.09
-
nanoSMDC020F
0.34
0.30
0.26
0.22
0.20
0.17
0.15
0.13
0.11
0.09
0.08
-
nanoSMDC035F
0.58
0.51
0.44
0.38
0.35
0.31
0.28
0.24
0.21
0.18
0.16
-
nanoSMDC050F/13.2
0.78
0.69
0.61
0.52
0.50
0.44
0.39
0.35
0.30
0.25
0.24
-
nanoSMDC075F
1.15
1.04
0.92
0.78
0.75
0.69
0.63
0.58
0.51
0.46
0.43
-
nanoSMDC110F
1.64
1.46
1.30
1.10
1.06
0.92
0.83
0.80
0.65
0.56
0.52
-
nanoSMDC150F
2.20
1.99
1.77
1.55
1.50
1.34
1.23
1.10
1.01
0.90
0.84
-
nanoSMDC200F*
3.56
3.08
2.60
2.12
2.00
1.79
1.64
1.50
1.36
1.21
1.14
-
* Data is preliminary
133
15
RoHS Compliant, ELV Compliant
picoSMD
nanoSMD
microSMD
miniSMD
midSMD
SMD
SMD2
miniSMDE
decaSMD
Size mm (mils) 2012 (0805)
3216 (1206)
3225 (1210)
4532 (1812)
5050 (2018)
7555 (2920)
8763 (3425)
11550 (4420)
5050 (2018)
Hold Current (A)
--
-
-
-
-
-
-
-
0.050
--
30VDC/50Ω
--
-
-
-
-
0.100
--
30VDC/15Ω
--
-
-
-
-
0.120
-
48VDC/6.50Ω
--
-
-
-
-
-
0.140
--
-
60VDC/6.00Ω
--
-
-
-
0.160
-
48VDC/5.00Ω
--
-
-
-
-
-
0.200
-
24VDC/3.10Ω
-
30VDC/3.30Ω
--
-
-
-
0.300
--
-
-
60VDC/2.30Ω
60VDC/4.80Ω
--
-
0.350
6VDC/1.40Ω
16VDC/1.35Ω
6VDC/1.30Ω
--
-
-
-
-
0.500
-
13.2VDC/0.75Ω
13.2VDC/0.90Ω
24VDC/1.00Ω
-
60VDC/1.40Ω
--
60VDC/1.10Ω
0.750
-6VDC/0.30Ω
6VDC/0.40Ω 13.2VDC/0.45Ω
-
30VDC/1.00Ω
--
-
--
-
24VDC/0.29Ω
-
60VDC/1.00Ω
--
-
1.000
--
-
-
15VDC/0.40Ω
30VDC/0.48Ω
--
-
--
-
-
-
33VDC/0.41Ω
--
-
1.100
-6VDC/0.20Ω
6VDC/0.21Ω
8VDC/0.21Ω
--
-
-
-
--
-
16VDC/0.18Ω
--
-
-
-
-
--
24VDC/0.18Ω
--
-
-
-
1.200
--
-
-
-
16VDC/0.34Ω
--
-
1.250
--
-
6VDC/0.14Ω
-
15VDC/0.25Ω
--
-
--
-
16VDC/0.14Ω
--
-
-
-
1.500
-6VDC/0.11Ω
6VDC/0.11Ω
6VDC/0.11Ω
15VDC/0.18Ω
-
15VDC/0.25Ω
--
--
-
12VDC/0.11Ω
--
33VDC/0.23Ω
--
--
-
16VDC/0.11Ω
--
-
-
-
--
-
24VDC/0.12Ω
--
-
-
-
1.600
--
-
9VDC/0.10Ω
--
16VDC/0.15Ω
--
1.750
--
6VDC/0.08Ω
--
-
-
-
-
1.850
--
-
-
-
-
33VDC/0.165Ω
--
1.900
--
-
-
-
-
-
16VDC/0.08Ω
-
2.000
-6VDC/0.07Ω*
6VDC/0.06Ω
8VDC/0.07Ω
6VDC/0.10Ω
-
15VDC/0.125Ω
--
2.500
--
-
-
-
-
15VDC/0.85Ω
--
2.600
--
-
6VDC/0.043Ω
-6VDC/0.075Ω
--
-
--
-
12VDC/0.047Ω
--
-
-
-
--
-
13.2VDC/0.050Ω
--
-
-
-
--
-
16VDC/0.050Ω
--
-
-
-
3.000
--
-
-
-
6VDC/0.048Ω
--
-
Product Series: Size, Current Rating, Voltage Rating/Maximum Resistance for
Surface-mount Devices
Table S1
Thermal Derating for Surface-mount Devices
[Hold Current (A) at Ambient Temperature (°C)]
Table S2
coming
soon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com