Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA115TM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA115TM
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA115TM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA115TM Datasheet HTML 1Page - NXP Semiconductors PDTA115TM Datasheet HTML 2Page - NXP Semiconductors PDTA115TM Datasheet HTML 3Page - NXP Semiconductors PDTA115TM Datasheet HTML 4Page - NXP Semiconductors PDTA115TM Datasheet HTML 5Page - NXP Semiconductors PDTA115TM Datasheet HTML 6Page - NXP Semiconductors PDTA115TM Datasheet HTML 7Page - NXP Semiconductors PDTA115TM Datasheet HTML 8Page - NXP Semiconductors PDTA115TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
PNP resistor-equipped transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
Rev. 05 — 2 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
PDTA115TE
SOT416
SC-75
PDTC115TE
PDTA115TK
SOT346
SC-59
PDTC115TK
PDTA115TM
SOT883
SC-101
PDTC115TM
PDTA115TS[1]
SOT54 (TO-92)
SC-43A
PDTC115TS
PDTA115TT
SOT23
-
PDTC115TT
PDTA115TU
SOT323
SC-70
PDTC115TU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I General purpose switching and
amplification
I Circuit drivers
I Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
70
100
130
k
Ω


Similar Part No. - PDTA115TM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA115TM NEXPERIA-PDTA115TM Datasheet
177Kb / 11P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
PDTA115TM NEXPERIA-PDTA115TM Datasheet
224Kb / 18P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTA115TMB NEXPERIA-PDTA115TMB Datasheet
616Kb / 12P
PNP resistor-equipped transistor; R1 = 100 k廓, R2 = open
More results

Similar Description - PDTA115TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PDTA114T NXP-PDTA114T Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB19_PUMB19 PHILIPS-PEMB19_PUMB19_15 Datasheet
70Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02-1 September 2009
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB19 NEXPERIA-PEMB19 Datasheet
185Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com