Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS050F/63-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1206SFS050F/63-2
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS050F/63-2 Datasheet(HTML) 4 Page - Tyco Electronics

  1206SFS050F/63-2 Datasheet HTML 1Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 2Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 3Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 4Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 5Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 6Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 7Page - Tyco Electronics 1206SFS050F/63-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
114
13
RoHS Compliant, ELV Compliant
HF Halogen Free
Family Performance Curves
... Cont’d
Figure FS1-FS4
100
10
1
0.1
0.01
0.001
10
100
1000
1
Current (A)
1206SFS Average Time Current Curves
A
BC
D
E
F GH I J K L M N
A =
1.0A
B =
1.2A
C =
1.5A
D =
2.0A
E =
2.5A
F =
3.0A
G =
3.5A
H =
4.0A
I
=
4.5A
J =
5.0A
K =
5.5A
L =
6.0A
M =
7.0A
N =
8.0A
Figure FS3
100000
10000
1000
100
10
1
0.1
0.01
0.001
0.01
10
0.1
1
100
Time (s)
1206SFS I²t vs. t Curves
A
B
C
D
E
F
G
H
I
J
K
L
M
N
A =
1.0A
B = 1.25A
C =
1.5A
D =
2.0A
E =
2.5A
F =
3.0A
G =
3.5A
H =
4.0A
I
=
4.5A
J =
5.0A
K =
5.5A
L =
6.0A
M =
7.0A
N =
8.0A
Figure FS4
Note: Curves are nominal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com