Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170LF Datasheet(PDF) 16 Page - Tyco Electronics

Part # VLR170LF
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170LF Datasheet(HTML) 16 Page - Tyco Electronics

Back Button VLR170LF Datasheet HTML 8Page - Tyco Electronics VLR170LF Datasheet HTML 9Page - Tyco Electronics VLR170LF Datasheet HTML 10Page - Tyco Electronics VLR170LF Datasheet HTML 11Page - Tyco Electronics VLR170LF Datasheet HTML 12Page - Tyco Electronics VLR170LF Datasheet HTML 13Page - Tyco Electronics VLR170LF Datasheet HTML 14Page - Tyco Electronics VLR170LF Datasheet HTML 15Page - Tyco Electronics VLR170LF Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
186
RoHS Compliant, ELV Compliant
10
Part Numbering System for Strap Battery Devices
LTP 190 SS
Modifier
F
= Lead-free version
G = Global design (standard product)
L
= Long lead or leads
S = Slit lead
SS = Both leads slit
X = Rotated chip
U = Untaped
Hold Current Indicator
Product Series
VTP 210 SL 19.2/5.8
Maximum length of leads (mm)
Modifier
F
= Lead-free version
G = Global design (standard product)
L
= Long lead or leads
S
= Slit lead
SS = Both leads slit
X
= Rotated chip
U = Untaped
Hold Current Indicator
Product Series
Warning :
• Users should independently evaluate the suitability of and test each product selected for their own application.
• Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame.
• These devices are intended for protection against damage caused by occasional overcurrent or overtemperature fault conditions and should
not be used when repeated fault conditions or prolonged trip events are anticipated.
• Contamination of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices.
• Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic, thermal, and
mechanical procedures for electronic components.
• PPTC devices are not recommended for installation in applications where the device is constrained such that its PTC properties are inhibited,
for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device expansion.
• Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com