Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175F Datasheet(PDF) 8 Page - Tyco Electronics

Part # VLR175F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR175F Datasheet(HTML) 8 Page - Tyco Electronics

Back Button VLR175F Datasheet HTML 4Page - Tyco Electronics VLR175F Datasheet HTML 5Page - Tyco Electronics VLR175F Datasheet HTML 6Page - Tyco Electronics VLR175F Datasheet HTML 7Page - Tyco Electronics VLR175F Datasheet HTML 8Page - Tyco Electronics VLR175F Datasheet HTML 9Page - Tyco Electronics VLR175F Datasheet HTML 10Page - Tyco Electronics VLR175F Datasheet HTML 11Page - Tyco Electronics VLR175F Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
178
RoHS Compliant, ELV Compliant
10
miniSMDE
miniSMDE190F
11.15
11.51
0.33
0.53
4.83
5.33
0.51
1.02
——
B13
(0.439) (0.453)
(0.013) (0.021)
(0.19)
(0.21)
(0.02)
(0.04)
——
120°C Typical Activation
MXP
MXP190BB
9.2
10.8
0.7
1.1
2.96
3.26
1.6
3.1
1.6
3.1
2.2
2.4
B14
(0.36)
(0.43)
(0.03)
(0.04)
(0.01)
(0.13)
(0.06)
(0.12)
(0.06)
(0.12)
(0.09)
(0.09)
125°C Typical Activation
LR4
LR4-190F
19.9
22.1
0.6
1.0
4.9
5.5
5.5
7.5
5.5
7.5
3.9
4.1
B9
(0.78)
(0.87)
(0.02)
(0.04)
(0.19)
(0.22)
(0.22)
(0.30)
(0.22)
(0.30)
(0.15)
(0.16)
LR4-260F
20.9
23.1
0.6
1.0
4.9
5.5
4.1
5.5
4.1
5.5
3.9
4.1
B9
(0.82)
(0.91)
(0.02)
(0.04)
(0.19)
(0.22)
(0.16)
(0.22)
(0.16)
(0.22)
(0.15)
(0.16)
LR4-260SF
20.9
23.1
0.6
1.0
4.9
5.5
4.1
5.5
4.1
5.5
3.9
4.1
B10
(0.82)
(0.91)
(0.02)
(0.04)
(0.19)
(0.22)
(0.16)
(0.22)
(0.16)
(0.22)
(0.15)
(0.16)
LR4-380F
24.0
26.0
0.6
1.0
6.9
7.5
4.1
5.5
4.1
5.5
4.9
5.1
B9
(0.94)
(1.02)
(0.02)
(0.04)
(0.27)
(0.30)
(0.16)
(0.22)
(0.16)
(0.22)
(0.19)
(0.20)
LR4-380XF
32.2
35.8
0.6
1.0
4.9
5.5
5.5
7.5
5.5
7.5
3.9
4.1
B9
(1.27)
(1.41)
(0.02)
(0.04)
(0.19)
(0.22)
(0.22)
(0.30)
(0.22)
(0.30)
(0.15)
(0.16)
LR4-450F
24.0
26
0.6
1.0
9.9
10.5
5.3
6.7
5.3
6.7
5.9
6.1
B9
(0.94)
(1.02)
(0.02)
(0.04)
(0.41)
(0.39)
(0.21)
(0.26)
(0.21)
(0.26)
(0.23)
(0.24)
LR4-550F
35.0
37.0
0.6
1.0
6.9
7.5
5.3
6.7
5.3
6.7
4.9
5.1
B9
(1.38)
(1.46)
(0.02)
(0.04)
(0.27)
(0.30)
(0.21)
(0.26)
(0.21)
(0.26)
(0.19)
(0.20)
LR4-600F
24.0
26.0
0.6
1.0
13.9
14.5
4.1
5.5
4.1
5.5
5.9
6.1
B9
(0.95)
(1.02)
(0.02)
(0.04)
(0.55)
(0.57)
(0.16)
(0.22)
(0.16)
(0.22)
(0.23)
(0.24)
LR4-600XF
40.5
42.7
0.6
1.0
6.9
7.5
5.2
6.8
5.2
6.8
4.9
5.1
B9
(1.59)
(1.68)
(0.02)
(0.04)
(0.27)
(0.30)
(0.20)
(0.27)
(0.20)
(0.27)
(0.19)
(0.20)
LR4-730F
27.1
29.1
0.6
1.0
13.9
14.5
4.1
5.5
4.1
5.5
5.9
6.1
B9
(1.06)
(1.15)
(0.02)
(0.04)
(0.54)
(0.57)
(0.16)
(0.22)
(0.16)
(0.22)
(0.23)
(0.24)
LR4-900F
45.4
47.6
0.9
1.3
7.9
8.5
4.6
6.2
4.6
6.2
5.9
6.1
B9
(1.79)
(1.87)
(0.04)
(0.05)
(0.31)
(0.33)
(0.18)
(0.24)
(0.18)
(0.24)
(0.23)
(0.24)
LR4-1300SSF
61.5
66.5
0.9
1.3
9.4
10.0
5.0
7.5
5.0
7.5
5.9
6.1
B12
(0.42)
(2.62)
(0.04)
(0.05)
(0.37)
(0.39)
(0.20)
(0.30)
(0.20)
(0.30)
(0.23)
(0.24)
SRP
SRP120F
19.9
22.1
0.6
1.0
4.9
5.2
5.5
7.5
5.5
7.5
3.9
4.1
B6
(0.78)
(0.87)
(0.02)
(0.04)
(0.19)
(0.20)
(0.22)
(0.30)
(0.22)
(0.30)
(0.15)
(0.16)
SRP120LF
24.9
27.1
0.6
1.0
4.9
5.2
5.5
7.5
10.5
12.5
3.9
4.1
B6
(0.98)
(1.07)
(0.02)
(0.04)
(0.19)
(0.20)
(0.22)
(0.30)
(0.41)
(0.49)
(0.15)
(0.16)
SRP120SF
19.9
22.1
0.6
1.0
4.9
5.2
5.5
7.5
5.5
7.5
3.9
4.1
B11
(0.78)
(0.87)
(0.02)
(0.04)
(0.19)
(0.20)
(0.22)
(0.30)
(0.22)
(0.30)
(0.15)
(0.16)
SRP175F
20.9
23.1
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
B6
(0.82)
(0.91)
(0.02)
(0.04)
(0.19)
(0.20)
(0.16)
(0.22)
(0.16)
(0.22)
(0.15)
(0.16)
SRP175LF
29.9
32.1
0.6
1.0
4.9
5.2
10.5
12.5
5.5
7.5
3.9
4.1
B6
(1.18)
(1.26)
(0.02)
(0.04)
(0.19)
(0.20)
(0.41)
(0.49)
(0.22)
(0.30)
(0.15)
(0.16)
SRP175SF
20.9
23.1
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
B11
(0.82)
(0.91)
(0.02)
(0.04)
(0.19)
(0.20)
(0.16)
(0.22)
(0.16)
(0.22)
(0.15)
(0.16)
SRP200F
21.3
23.4
0.5
1.1
10.2
11.0
5.0
7.6
5.0
7.6
4.8
5.4
B6
(0.84)
(0.92)
(0.02)
(0.04)
(0.40)
(0.43)
(0.20)
(0.30)
(0.20)
(0.30)
(0.19)
(0.21)
SRP350F
28.4
31.8
0.5
1.1
13.0
13.5
6.3
8.9
6.3
8.9
6.0
6.6
B6
(1.12)
(1.25)
(0.02)
(0.04)
(0.53)
(0.51)
(0.25)
(0.35)
(0.25)
(0.35)
(0.24)
(0.26)
SRP420F
30.6
32.4
0.5
1.1
12.9
13.6
5.0
7.5
5.0
7.5
6.0
6.7
B6
(1.20)
(1.28)
(0.02)
(0.04)
(0.51)
(0.54)
(0.20)
(0.30)
(0.20)
(0.30)
(0.24)
(0.26)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
Table B4 Dimensions for Strap Battery Devices in Millimeters (Inches)
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com