Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP220F Datasheet(PDF) 7 Page - Tyco Electronics

Part # VLP220F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLP220F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button VLP220F Datasheet HTML 3Page - Tyco Electronics VLP220F Datasheet HTML 4Page - Tyco Electronics VLP220F Datasheet HTML 5Page - Tyco Electronics VLP220F Datasheet HTML 6Page - Tyco Electronics VLP220F Datasheet HTML 7Page - Tyco Electronics VLP220F Datasheet HTML 8Page - Tyco Electronics VLP220F Datasheet HTML 9Page - Tyco Electronics VLP220F Datasheet HTML 10Page - Tyco Electronics VLP220F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
177
RoHS Compliant, ELV Compliant
10
85°C Typical Activation
VLR
VLR170F
20.8
23.2
—
0.8
3.5
3.9
4.5
6.5
4.5
6.5
2.4
2.6
B3
(0.82)
(0.91)
—
(0.03)
(0.14)
(0.15)
(0.18)
(0.26)
(0.18)
(0.26)
(0.09)
(0.10)
VLR170LF
38.8
41.2
—
0.8
3.5
3.9
8.7
10.3
18.7
20.3
2.4
2.6
B3
(1.53)
(1.62)
—
(0.03)
(0.14)
(0.15)
(0.34)
(0.41)
(0.74)
(0.80)
(0.09)
(0.10)
VLR170UF
20.8
23.2
—
0.07
3.5
3.7
5.3
6.7
5.3
6.7
2.4
2.6
B5
(0.81)
(0.91)
—
(0.03)
(0.14)
(0.15)
(0.21)
(0.26)
(0.21)
(0.26)
(0.09)
(0.10)
VLR175F
23.0
24.5
0.5
0.8
2.9
3.3
4.7
7.2
3.8
5.4
2.4
2.6
B3
(0.91)
(0.96)
(0.02)
(0.03)
(0.11)
(0.13)
(0.19)
(0.28)
(0.15)
(0.21)
(0.09)
(0.10)
VLR175LF
29.3
31.7
—
0.8
2.9
3.3
5.2
6.8
10
12.5
2.4
2.6
B3
(1.15)
(1.25)
—
(0.03)
(0.11)
(0.13)
(0.21)
(0.27)
(0.39)
(0.49)
(0.09)
(0.10)
VLR175UF
23.0
24.5
—
0.7
2.9
3.1
5.2
7.5
4.3
5.7
2.4
2.6
B5
(0.91)
(0.96)
—
(0.03)
(0.11)
(0.12)
(0.20)
(0.30)
(0.17)
(0.22)
(0.09)
(0.10)
VLR230F
20.9
23.1
—
0.8
4.9
5.3
4.1
5.8
4.1
5.8
3.9
4.1
B3
(0.82)
(0.91)
—
(0.03)
(0.19)
(0.21)
(0.16)
(0.23)
(0.16)
(0.23)
(0.15)
(0.16)
90°C Typical Activation
VLP
VLP210F
15.4
17.5
0.6
0.8
6.9
7.3
4.0
6.2
4.0
6.2
3.9
4.1
B2
(0.61)
(0.69)
(0.02)
(0.03)
(0.27)
(0.29)
(0.16)
(0.24)
(0.16)
(0.24)
(0.15)
(0.16)
VLP220F
21.1
23.3
0.6
0.8
3.5
3.9
5.1
6.8
5.1
6.8
2.9
3.1
B3
(0.83)
(0.92)
(0.02)
(0.03)
(0.13)
(0.15)
(0.20)
(0.27)
(0.20)
(0.27)
(0.11)
(0.12)
VLP270F
20.9
23.1
0.6
0.8
4.9
5.3
4.1
5.8
4.1
5.8
3.9
4.1
B3
(0.82)
(0.91)
(0.02)
(0.03)
(0.19)
(0.21)
(0.16)
(0.23)
(0.16)
(0.23)
(0.15)
(0.16)
VTP
VTP110F
23.6
25.6
—
0.7
2.7
2.9
7.0
8.0
7.0
8.0
2.3
2.5
B5
(0.93)
(1.01)
—
(0.03)
(0.11)
(0.11)
(0.28)
(0.32)
(0.28)
(0.32)
(0.09)
(0.10)
VTP170F
15.4
17.5
0.5
0.8
7.0
7.4
4.0
6.2
4.0
6.2
3.9
4.1
B2
(0.606) (0.689)
(0.02)
(0.03)
(0.275) (0.292)
(0.157) (0.244)
(0.157) (0.244)
(0.15)
(0.16)
VTP170SSF
15.4
17.5
0.5
0.8
7.0
7.4
4.0
6.2
4.0
6.2
3.9
4.1
B8
(0.606) (0.689)
(0.02)
(0.03)
(0.275) (0.292)
(0.157) (0.244)
(0.157) (0.244)
(0.154)
(0.161)
VTP170XF
20.9
22.9
0.5
0.8
4.9
5.3
6.0
8.6
6.0
8.6
3.9
4.1
B3
(0.82)
(0.90)
(0.02)
(0.03)
(0.19)
(0.21)
(0.23)
(0.34)
(0.23)
(0.34)
(0.15)
(0.16)
VTP170XSF
20.9
22.9
0.5
0.8
4.9
5.3
6.0
8.6
6.0
8.6
3.9
4.1
B4
(0.82)
(0.90)
(0.02)
(0.03)
(0.19)
(0.21)
(0.23)
(0.34)
(0.23)
(0.34)
(0.15)
(0.16)
VTP175F
21.2
23.2
—
0.8
3.5
3.9
4.6
6.6
4.6
6.6
2.9
3.1
B3
(0.83)
(0.91)
—
(0.03)
(0.14)
(0.15)
(0.18)
(0.26)
(0.18)
(0.26)
(0.11)
(0.12)
VTP175LF
25.8
28.2
—
0.8
3.5
3.9
5.7
7.3
8.7
10.3
2.4
2.6
B3
(1.02)
(1.11)
—
(0.03)
(0.13)
(0.15)
(0.22)
(0.29)
(0.34)
(0.41)
(0.09)
(0.10)
VTP175UF
21.2
23.2
—
0.7
3.5
3.7
5.6
6.8
5.6
6.8
2.9
3.1
B5
(0.83)
(0.91)
—
(0.03)
(0.13)
(0.15)
(0.22)
(0.27)
(0.22)
(0.27)
(0.11)
(0.12)
VTP210GF
20.9
23.1
0.6
0.8
4.9
5.3
4.1
5.8
4.1
5.8
3.9
4.1
B3
(0.82)
(0.91)
(0.02)
(0.03)
(0.19)
(0.21)
(0.16)
(0.23)
(0.16)
(0.23)
(0.15)
(0.16)
VTP210SF
20.9
23.1
0.6
0.8
4.9
5.3
4.1
5.8
4.1
5.8
3.9
4.1
B4
(0.82)
(0.91)
(0.02)
(0.03)
(0.19)
(0.21)
(0.16)
(0.23)
(0.16)
(0.23)
(0.15)
(0.16)
VTP210SLF
29.0
32.0
0.6
0.8
4.9
5.3
12.5
14.5
3.5
5.8
3.9
4.1
B4
(1.14)
(1.26)
(0.02)
(0.03)
(0.19)
(0.21)
(0.49)
(0.57)
(0.13)
(0.23)
(0.15)
(0.16)
110°C Typical Activation
LTP
LTP070F
19.9
22.1
0.7
1.2
4.9
5.2
5.5
7.5
5.5
7.5
3.9
4.1
B6
(0.783) (0.870)
(0.027) (0.048)
(0.192) (0.205)
(0.216) (0.296)
(0.216) (0.296)
(0.153)
(0.162)
LTP100SF
20.9
23.1
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
B7
(0.82)
(0.91)
(0.02)
(0.04)
(0.19)
(0.20)
(0.16)
(0.22)
(0.16)
(0.22)
(0.15)
(0.16)
LTP180LF
35.5
37.5
0.6
1.0
4.9
5.2
9.7
11.0
9.7
11.0
3.9
4.1
B6
(1.40)
(1.48)
(0.02)
(0.04)
(0.19)
(0.20)
(0.38)
(0.44)
(0.38)
(0.44)
(0.15)
(0.16)
LTP190F
21.3
23.4
0.5
1.1
10.2
11.0
5.0
7.6
5.0
7.6
4.8
5.4
B6
(0.84)
(0.92)
(0.02)
(0.04)
(0.40)
(0.43)
(0.20)
(0.30)
(0.20)
(0.30)
(0.19)
(0.21)
LTP260F
24.0
26.0
0.6
1.0
10.8
11.9
5.0
7.0
5.0
7.0
5.9
6.1
B6
(0.94)
(1.02)
(0.02)
(0.04)
(0.43)
(0.47)
(0.20)
(0.28)
(0.20)
(0.28)
(0.23)
(0.24)
LTP340F
24.0
26.0
0.6
1.0
14.8
15.9
4.0
5.0
4.0
5.0
5.9
6.1
B6
(0.94)
(1.02)
(0.02)
(0.04)
(0.58)
(0.63)
(0.16)
(0.20)
(0.16)
(0.20)
(0.23)
(0.24)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
Table B4 Dimensions for Strap Battery Devices in Millimeters (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com