Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTP175F Datasheet(PDF) 4 Page - Tyco Electronics

Part # VTP175F
Description  PolySwitch Resettable Devices Strap Battery Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VTP175F Datasheet(HTML) 4 Page - Tyco Electronics

  VTP175F Datasheet HTML 1Page - Tyco Electronics VTP175F Datasheet HTML 2Page - Tyco Electronics VTP175F Datasheet HTML 3Page - Tyco Electronics VTP175F Datasheet HTML 4Page - Tyco Electronics VTP175F Datasheet HTML 5Page - Tyco Electronics VTP175F Datasheet HTML 6Page - Tyco Electronics VTP175F Datasheet HTML 7Page - Tyco Electronics VTP175F Datasheet HTML 8Page - Tyco Electronics VTP175F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
174
RoHS Compliant, ELV Compliant
10
85°C Typical Activation
VLR*
VLR170F
1.70
4.1
12
100
1.4
8.50
5.0
0.018
0.025
0.032
0.050
0.064
B3
VLR170LF
1.70
4.1
12
100
1.4
8.50
5.0
0.018
0.025
0.032
0.050
0.064
B3
VLR170UF
1.70
4.1
12
100
1.4
8.50
5.0
0.018
0.025
0.032
0.050
0.064
B5
VLR175F
1.75
4.2
12
100
1.4
8.75
5.0
0.017
0.024
0.031
0.048
0.062
B3
VLR175LF
1.75
4.2
12
100
1.4
8.75
5.0
0.017
0.024
0.031
0.048
0.062
B3
VLR175UF
1.75
4.2
12
100
1.4
8.75
5.0
0.017
0.024
0.031
0.048
0.062
B5
VLR230F
2.30
5.0
12
100
1.4
10.00
5.0
0.012
0.015
0.018
0.030
0.036
B3
90°C Typical Activation
VLP*
VLP210F
2.10
5.0
16
60
0.8
10.50
5.0
0.018
0.024
0.030
0.048
0.060
B2
VLP220F
2.20
5.3
16
60
0.8
11.00
5.0
0.017
0.023
0.029
0.046
0.058
B3
VLP270F
2.70
6.5
16
60
1.2
13.50
5.0
0.012
0.015
0.018
0.030
0.036
B3
* Product electrical characteristics determined at 25°C.
Part
Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PDTyp
(W)
Max. Time-to-trip
(A)
(s)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
RMAX
(
Ω)
RTyp
(
Ω)
RTrippedTyp
(
Ω)
Temperature (˚C)
200
180
160
140
120
100
80
60
40
20
0
-50
-30
-40
-10
-20
20
10
0
40
30
60
50
80
70
90
A
A
B
C
D
E
B
C
D
E
Figure B1
A=
LR4
B=
SRP
C=
LTP
D=
VTP, VLP, MXP
E=
VLR
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
Part Number
Amps
SRP
SRP120F
1.9
1.7
1.5
1.20
1.17
1.0
0.9
0.8
0.6
0.5
0.4
SRP120LF
1.9
1.7
1.5
1.20
1.17
1.0
0.9
0.8
0.6
0.5
0.4
SRP120SF
1.9
1.7
1.5
1.20
1.17
1.0
0.9
0.8
0.6
0.5
0.4
SRP175F
2.5
2.2
2.0
1.75
1.68
1.4
1.3
1.2
1.0
0.9
0.8
SRP175LF
2.5
2.2
2.0
1.75
1.68
1.4
1.3
1.2
1.0
0.9
0.8
SRP175SF
2.5
2.2
2.0
1.75
1.68
1.4
1.3
1.2
1.0
0.9
0.8
SRP200F
3.1
2.8
2.5
2.00
1.97
1.7
1.5
1.4
1.2
1.0
0.9
SRP350F
5.3
4.8
4.3
3.50
3.44
3.0
2.7
2.5
2.1
1.8
1.7
SRP420F
6.3
5.7
5.1
4.20
4.11
3.6
3.3
3.0
2.6
2.2
2.1
Table B2
Thermal Derating for Strap Battery Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d
Figure B1 Thermal Derating Curve for Strap Battery Devices
Table B3 Electrical Characteristics for Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com