Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISMDC260F/13.2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MINISMDC260F/13.2
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MINISMDC260F/13.2 Datasheet(HTML) 3 Page - Tyco Electronics

  MINISMDC260F/13.2 Datasheet HTML 1Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 2Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 3Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 4Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 5Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 6Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 7Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 8Page - Tyco Electronics MINISMDC260F/13.2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
93
RoHS Compliant, ELV Compliant
HF Halogen Free
10
femtoSMD
picoSMD
nanoSMD
microSMD
miniSMD
midSMD
SMD
SMD2
miniSMDE
decaSMD
Size mm
1608
2012
3216
3225
4532
5050
7555
8763
11550
5050
(mils)
(0603)
(0805)
(1206)
(1210)
(1812)
(2018)
(2920)
(3425)
(4420)
(2018)
Hold Current (A)
0.050
15VDC/30.00Ω*—
—
30VDC/50Ω
—
—
—
—
——
0.100
12VDC/8.00Ω* 15VDC/11.00Ω*—
30VDC/15Ω
60VDC/12.70Ω
—
—
—
——
0.120
—
15VDC/9.00Ω* 48VDC/6.50Ω
—
—
—
—
—
——
0.140
—
—
——
60VDC/6.00Ω
—
—
—
——
0.160
9VDC/4.20Ω
—
48VDC/5.00Ω
—
—
—
—
—
——
0.200
—
9VDC/3.20Ω
24VDC/3.10Ω
—
30VDC/3.30Ω
—
—
—
——
0.300
—
—
——
30VDC/1.75Ω
60VDC/2.30Ω 60VDC/4.80Ω
—
——
0.350
—
6VDC/1.40Ω
16VDC/1.35Ω
6VDC/1.30Ω
—
—
—
—
——
0.500
——
13.2VDC/0.75Ω 13.2VDC/0.90Ω
24VDC/1.00Ω
—
60VDC/1.40Ω
——
60VDC/1.10Ω
0.750
—
6VDC/0.35Ω*
6VDC/0.30Ω
6VDC/0.40Ω 13.2VDC/0.45Ω
—
30VDC/1.00Ω
—
——
—
—
——
24VDC/0.29Ω
—
60VDC/1.00Ω
—
——
1.000
—
6VDC/0.19Ω*—
—
—
15VDC/0.40Ω 30VDC/0.48Ω
—
——
—
—
——
—
—
33VDC/0.41Ω
—
——
1.100
—
—
6VDC/0.20Ω
6VDC/0.21Ω
8VDC/0.21Ω
—
—
—
——
—
—
——
16VDC/0.18Ω
—
—
—
——
—
—
——
24VDC/0.18Ω
—
—
—
——
1.200
—
——
—
——
16VDC/0.34Ω
—
——
1.250
—
—
—
—
6VDC/0.14Ω
—
15VDC/0.25Ω
—
——
—
—
——
16VDC/0.14Ω
—
—
—
——
1.500
—
—
6VDC/0.11Ω
6VDC/0.11Ω
6VDC/0.11Ω
15VDC/0.18Ω
—
15VDC/0.25Ω
——
—
—
——
12VDC/0.11Ω
——
33VDC/0.23Ω
——
—
—
——
16VDC/0.11Ω
—
—
—
——
—
—
——
24VDC/0.12Ω
—
—
—
——
1.600
—
—
—
—
9VDC/0.10Ω
——
16VDC/0.15Ω
——
1.750
—
—
—
6VDC/0.08Ω
—
—
—
—
——
1.850
—
——
—
——
—
33VDC/0.165Ω
——
1.900
—
——
—
——
—
—
16VDC/0.08Ω
—
2.000
——
6VDC/0.072Ω
6VDC/0.06Ω
8VDC/0.07Ω
6VDC/0.10Ω
—
15VDC/0.125Ω
——
2.500
—
——
—
——
—
15VDC/0.85Ω
——
2.600
—
—
—
—
6VDC/0.043Ω
—
6VDC/0.075Ω
—
——
—
—
——
12VDC/0.047Ω
—
—
—
——
—
—
——
13.2VDC/0.050Ω
—
——
—
—
—
—
——
16VDC/0.050Ω
—
—
—
——
3.000
—
—
——
6VDC/0.036Ω
—
6VDC/0.048Ω
—
——
—
——
—
——
15VDC/0.05Ω
—
——
* Data is preliminary
Table S1
Product Series: Size, Current Rating, Voltage Rating/Maximum Resistance for
Surface-mount Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com