Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20021221 Datasheet(PDF) 1 Page - FCI connector

Part # 20021221
Description  1.27X1.27MM BTB HEADER SHROUDED, SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

20021221 Datasheet(HTML) 1 Page - FCI connector

  20021221 Datasheet HTML 1Page - FCI connector 20021221 Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PDM: Rev:C
Released
.
STATUS:
Printed: May 11, 2010


Similar Part No. - 20021221

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
20021221-XXX04C1LF AMPHENOLCS-20021221-XXX04C1LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021221-XXX04C4LF AMPHENOLCS-20021221-XXX04C4LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021221-XXX04C8LF AMPHENOLCS-20021221-XXX04C8LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021221-XXX04D1LF AMPHENOLCS-20021221-XXX04D1LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021221-XXX04D4LF AMPHENOLCS-20021221-XXX04D4LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
More results

Similar Description - 20021221

ManufacturerPart #DatasheetDescription
logo
FCI connector
89898 FCI-CONNECTOR-89898 Datasheet
127Kb / 2P
SMT BtB RECEPT
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021121 FCI-CONNECTOR-20021121 Datasheet
64Kb / 1P
1.27X1.27MM BTB HEADER UNSTROUDED, SMT
20021311 FCI-CONNECTOR-20021311 Datasheet
57Kb / 1P
1.27X1.27MM BTB RECEPTACLE VERTICAL, MT
20021321 FCI-CONNECTOR-20021321 Datasheet
115Kb / 2P
1.27X1.27MM BTB RECEPTACLE SMT
89898-308ALF FCI-CONNECTOR-89898-308ALF Datasheet
145Kb / 2P
SMT BtB RECEPT
logo
Wurth Elektronik GmbH &...
658107303064 WURTH-658107303064 Datasheet
259Kb / 5P
1.00mm SMT Female Shrouded Vertical Receptacle 7.30mm Height WR-BTB
658801103040 WURTH-658801103040 Datasheet
250Kb / 5P
0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB
658101003064 WURTH-658101003064 Datasheet
259Kb / 5P
1.00mm SMT Female Shrouded Vertical Receptacle 10.30mm Height WR-BTB
658105303064 WURTH-658105303064 Datasheet
261Kb / 5P
1.00mm SMT Female Shrouded Vertical Receptacle 5.30mm Height WR-BTB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com