Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS200F/63 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1206SFS200F/63
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS200F/63 Datasheet(HTML) 7 Page - Tyco Electronics

  1206SFS200F/63 Datasheet HTML 1Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 2Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 3Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 4Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 5Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 6Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 7Page - Tyco Electronics 1206SFS200F/63 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
117
13
RoHS Compliant, ELV Compliant
HF Halogen Free
Part Numbering System for Slow-Blow Chip Fuses
1206 SF S 400 F / 24 -2
Packaging
-2
= Tape and Reel
Voltage Rating (V)
Special Code
F
= RoHS Compliant
M
= Marked
Rated Current
050 = 0.50 Amps
400 = 4 Amps
Fuse Blow Type
F
= Fast Acting
S
= Slow Blow
H
= High Current
SF = Surface Mount Fuse
Size (1206, 0603, 0402)
Warning :
All information, including illustrations, is believed to be accurate and reliable. Users, however, should independently evaluate the suitability of and
test each product selected for their application. Tyco Electronics Corporation makes no warranties as to the accuracy or completeness of the
information, and disclaims any liability regarding its use. Tyco Electronics’ only obligations are those in the Tyco Electronics’ Standard Terms and
Conditions of Sale for this product, and in no case will Tyco Electronics be liable for any incidental, indirect, or consequential damages arising from
the sale, resale, use, or misuse of the product. Specifications are subject to change without notice. In addition, Tyco Electronics reserves the right
to make changes to materials or processing that do not affect compliance with any applicable specification without notification to Buyer.
Agency Approvals for Slow-Blow Chip Fuses
UL
File # E197536
Reel Dimensions for Slow-Blow Chip Fuses
Figure FS8
Dimension
Description
Mark
Dimensions (mm)
Hub outer diameter
B
60
Reel inside width
W1
9
Reel outside width
W2
11.4
Tape width
8
B
W
2
W
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com