Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS550F/24 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1206SFS550F/24
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS550F/24 Datasheet(HTML) 1 Page - Tyco Electronics

  1206SFS550F/24 Datasheet HTML 1Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 2Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 3Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 4Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 5Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 6Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 7Page - Tyco Electronics 1206SFS550F/24 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
111
13
Available in industry standard 1206 and 0603 chip sizes,
Raychem slow-blow chip fuses help provide overcurrent
protection
on
systems
that
experience
large
and
frequent
current
surges
as
part
of
their
normal
operation.
The Raychem slow-blow chip fuse’s monolithic, multilayer
design helps provide some of the highest current ratings
available in the 1206 and 0603 footprints and enhances
high-temperature performance in a wide range of circuit
protection
designs.
The
devices’
small
size,
high
reliability and strong arc suppression characteristics
make them suitable for overcurrent protection of power
supplies, capacitor filter banks, LCD (Liquid Crystal
Display)
backlight
inverters,
electric
motors
and
portable electronics.
• Time-delayed design prevents nuisance openings
in pulsed and high inrush current applications
• Small size with high-current ratings
• Strong arc suppression characteristics
• RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Small motors systems
• Portable electronics
• Input power ports
Slow-Blow Chip Fuses
Benefits
Features
Applications
• Power over Ethernet (POE)
• Test equipment
• POL Converter Protection
• Computer drives
• Displays
• Printers


Similar Part No. - 1206SFS550F/24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFS550F/24 MACOM-1206SFS550F/24 Datasheet
84Kb / 1P
Surface Mount Fuse Slow Blow
More results

Similar Description - 1206SFS550F/24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
Slow Blow Surface Mount Fuses
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
slow blow fuses
logo
Tyco Electronics
651886 MACOM-651886 Datasheet
213Kb / 8P
Slow-Blow Chip Fuses
logo
Bourns Electronic Solut...
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
Slow Blow Surface Mount Fuses
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
Slow Blow Surface Mount Fuses
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
SLOW BLOW FUSES
PF1206S PROTEC-PF1206S_15 Datasheet
482Kb / 6P
SLOW BLOW CHIP FUSES
logo
Bourns Electronic Solut...
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com