Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS800F/24 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1206SFS800F/24
Description  Slow-Blow Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS800F/24 Datasheet(HTML) 6 Page - Tyco Electronics

  1206SFS800F/24 Datasheet HTML 1Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 2Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 3Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 4Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 5Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 6Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 7Page - Tyco Electronics 1206SFS800F/24 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
116
13
RoHS Compliant, ELV Compliant
HF Halogen Free
Range
Performance
Testing Method
Min.
Max.
MVR
ASTM D1238
3.60
4.40
Vicat softening temperature
ASTM D1525
97.8
-
Elasticity at break
ASTM D638
50.0
-
Tape and Reel Material Characteristics for Slow-Blow Chip Fuses
Table FS7
Tolerance X ± 1mm; 0.X ± 0.5mm; 0.XX ± 0.2mm
Tape and Reel Specifications for Slow-Blow Chip Fuses
Table FS8
Dimension in inches (mm)
Mark
0603 (1608)
1206 (3216)
E1
0.069±0.004
(1.75±0.10)
0.069±0.004
(1.75±0.10)
F
0.138±0.002
(3.50±0.05)
0.138±0.002
(3.50±0.05)
W
0.318±0.004
(8.00±0.10)
0.318±0.004
(8.00±0.10)
P1
0.157±0.004
(4.00±0.10)
0.157±0.004
(4.00±0.10)
P0
0.157±0.004
(4.00±0.10)
0.157±0.004
(4.00±0.10)
P2
0.079±0.002
(2.00±0.05)
0.079±0.002
(2.00±0.05)
D0
0.059±0.004
(1.50+0.10/-0.00)
0.059±0.004
(1.50+0.10/-0.00)
D1
--
0.039 max
(1.00 max)
t
0.009±0.001
(0.23±0.02)
0.009±0.001
(0.23±0.02)
A0
0.036±0.004
(0.92±0.10)
0.071±0.004
(1.80±0.10)
B0
0.071±0.004
(1.80±0.10)
0.138±0.004
(3.50±0.10)
K0
0.033±0.004
(0.85±0.10)
0.050±0.004
(1.27±0.10)
Taped Component Dimensions for Slow-Blow Chip Fuses
Figure FS7
P
0
E
1
F
W
P
2
D
0
D
1
A
0
P
1
B
0
K
0
t
Recommended conditions for hand soldering:
1. Using hot air rework station that can reflow the solder on both terminations at the same time is strongly recommended,
do not directly contact the chip termination with the tip of soldering iron.
2. Preheating: 150°C, 60s (min).
Appropriate temperature (max) of soldering iron tip/soldering time (max): 280°C /10s or 350°C / 3s.
Maximum temperature of soldering iron tip/soldering time: 350°C /9s or 400°C / 8s.
Time (s)
Soldering
10s Max.
Natural
Cooling
260
230
150-180
Preheat 60 - 120s Min.
40s Max.
Recommended Soldering Temperature Profile for Slow-Blow Chip Fuses
Figure FS6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com