Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF090-AP Datasheet(PDF) 27 Page - Tyco Electronics

Part # RUSBF090-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090-AP Datasheet(HTML) 27 Page - Tyco Electronics

Back Button RUSBF090-AP Datasheet HTML 20Page - Tyco Electronics RUSBF090-AP Datasheet HTML 21Page - Tyco Electronics RUSBF090-AP Datasheet HTML 22Page - Tyco Electronics RUSBF090-AP Datasheet HTML 23Page - Tyco Electronics RUSBF090-AP Datasheet HTML 24Page - Tyco Electronics RUSBF090-AP Datasheet HTML 25Page - Tyco Electronics RUSBF090-AP Datasheet HTML 26Page - Tyco Electronics RUSBF090-AP Datasheet HTML 27Page - Tyco Electronics RUSBF090-AP Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
137
RoHS Compliant, ELV Compliant
10
w
1
n
a
c
w
2
Cross section
Direction of
unreeling
Reel
Type
Upper side
Lower side
Optional shape: Circular or polygonal
h
H
1
P
1
D
4
H
0
H
1
C
1
C
2
F
A
B
Reference plane
Direction of unreeling
Cross section A-B
W
5
H
W
t
P
0
D
0
I
2
L
L
1
h
p
p
Part Numbering System for Radial-leaded Devices
RUEF 250 U 2
Packaging
Blank = Packaged in bags
-1
= 25.4mm (1.0 inch) minimum lead length
-2
= Tape and reel
-AP
= Ammo pack
-X.X = Special lead cut length (inch)
Modifier
K
= Standard kinked lead
B
= Special kinked lead
S
= Straight lead
U
= Uncoated device
Hold Current Indicator
Product Series
An “F” at the end of product series indicates Pb-free version of product.
Note: Kinked part is recommended to well control the height of part on the PCB in non-auto PCB application.
Figure R22 EIA Referenced Taped Component Dimensions for Radial-leaded Devices
Figure R23 EIA Referenced Reel Dimensions for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com