Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMB4
Description  PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB4 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMB4 Datasheet HTML 1Page - NXP Semiconductors PEMB4 Datasheet HTML 2Page - NXP Semiconductors PEMB4 Datasheet HTML 3Page - NXP Semiconductors PEMB4 Datasheet HTML 4Page - NXP Semiconductors PEMB4 Datasheet HTML 5Page - NXP Semiconductors PEMB4 Datasheet HTML 6Page - NXP Semiconductors PEMB4 Datasheet HTML 7Page - NXP Semiconductors PEMB4 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2001 Sep 14
2003 Oct 15
DISCRETE SEMICONDUCTORS
PEMB4; PUMB4
PNP/PNP resistor-equipped
transistors; R1 = 10 k
Ω, R2 = open


Similar Part No. - PEMB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
logo
Nexperia B.V. All right...
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMB4_PUMB4 PHILIPS-PEMB4_PUMB4_15 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped
2003 Oct 15
More results

Similar Description - PEMB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114E NXP-PDTA114E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
PDTA144T NXP-PDTA144T Datasheet
180Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 05
PEMB3 NXP-PEMB3 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
PEMD4 NXP-PEMD4 Datasheet
138Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
PEMB3_PUMB3 PHILIPS-PEMB3_PUMB3_15 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMD4_PUMD4 PHILIPS-PEMD4_PUMD4_15 Datasheet
138Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com