Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF135-2 Datasheet(PDF) 13 Page - Tyco Electronics

Part # RUSBF135-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-2 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button RUSBF135-2 Datasheet HTML 9Page - Tyco Electronics RUSBF135-2 Datasheet HTML 10Page - Tyco Electronics RUSBF135-2 Datasheet HTML 11Page - Tyco Electronics RUSBF135-2 Datasheet HTML 12Page - Tyco Electronics RUSBF135-2 Datasheet HTML 13Page - Tyco Electronics RUSBF135-2 Datasheet HTML 14Page - Tyco Electronics RUSBF135-2 Datasheet HTML 15Page - Tyco Electronics RUSBF135-2 Datasheet HTML 16Page - Tyco Electronics RUSBF135-2 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
123
RoHS Compliant, ELV Compliant
10
RHEF
16V - High Temperature
RHEF700
—
14.0
—
21.9
4.3
5.8
7.6
——
3.0
1.2
——
R12, R13,
(0.55)
(0.86)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF750
—
14.0
—
23.5
4.3
5.8
7.6
——
3.0
1.2
1.24
2.0
R12, R13,
(0.55)
(0.93)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.08)
R14
RHEF800
—
16.5
—
22.5
4.3
5.8
7.6
——
3.0
1.2
——
R12, R13,
(0.65)
(0.88)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF900
—
16.5
—
25.7
4.3
5.8
7.6
——
3.0
1.2
——
R12, R13,
(0.65)
(1.01)
(0.17) (0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF1000
—
17.5
—
26.5
9.4
10.9
7.6
——
3.0
1.2
1.24
1.5
R12, R13,
(0.69)
(1.04)
(0.37) (0.43)
(0.30)
(0.12)
(0.05)
(0.049)
(0.06)
R14
RHEF1100
—
21.0
—
26.1
9.4
10.9
7.6
——
3.0
1.2
——
R12, R13,
(0.83)
(1.03)
(0.37) (0.43)
(0.30)
(0.12)
(0.05)
R14
RHEF1300
—
23.5
—
28.7
9.4
10.9
7.6
——
3.6
1.4
1.45
1.9
R12, R13,
(0.925)
(1.13)
(0.37) (0.43)
(0.30)
(0.14)
(0.06)
(0.057)
(0.084)
R14
RHEF1400
—
23.5
—
28.6
9.4
10.9
7.6
——
3.6
1.4
——
R12, R13,
(0.925)
(1.13)
(0.37) (0.43)
(0.30)
(0.14)
(0.06)
R14
RHEF1500
—
23.5
—
28.7
9.4
10.9
7.6
——
3.6
1.4
1.45
1.9
R12, R13,
(0.925)
(1.13)
(0.37) (0.43)
(0.30)
(0.14)
(0.06)
(0.057)
(0.084)
R14
RUSBF
6V
RUSBF075
—
6.9
—
11.4
4.3
5.9
7.6
——
3.1
—
0.91
1.0
R8, R13,
(0.27)
(0.45)
(0.17) (0.23)
(0.30)
(0.12)
(0.036)
(0.04)
R14
RUSBF120
—
6.9
—
11.7
4.3
5.9
7.6
——
3.1
—
0.91
1.0
R8, R13,
(0.27)
(0.46)
(0.17) (0.23)
(0.30)
(0.12)
(0.036)
(0.04)
R14
RUSBF155
—
6.9
—
11.7
4.3
5.9
7.6
——
3.1
—
0.91
1.0
R8, R13,
(0.27)
(0.46)
(0.17) (0.23)
(0.30)
(0.12)
(0.036)
(0.04)
R14
Part Number
A
Min.
Max.
J
Typ.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Typ.
H
Typ.
Fault Current (A)
1000
100
10
1
0.1
0.01
0.1
1
10
100
A
A
B
C
D
B
CD
Figure R15
BBRF
A=
BBRF550
RTEF
B=
RTEF120
C=
RTEF135
D=
RTEF190
Table R4 Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont’d
Figure R15-R21 Typical Time-to-trip Curves at 20°C for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com