Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHEF100-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RHEF100-2
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RHEF100-2 Datasheet(HTML) 2 Page - Tyco Electronics

  RHEF100-2 Datasheet HTML 1Page - Tyco Electronics RHEF100-2 Datasheet HTML 2Page - Tyco Electronics RHEF100-2 Datasheet HTML 3Page - Tyco Electronics RHEF100-2 Datasheet HTML 4Page - Tyco Electronics RHEF100-2 Datasheet HTML 5Page - Tyco Electronics RHEF100-2 Datasheet HTML 6Page - Tyco Electronics RHEF100-2 Datasheet HTML 7Page - Tyco Electronics RHEF100-2 Datasheet HTML 8Page - Tyco Electronics RHEF100-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Protection Application Selection Guide for Radial-leaded Devices
LVR
LVRL
BBRF
RXEF
RXEF
RTEF
RUEF
RGEF
RHEF
RHEF
RUSBF
RUSBF
Voltage Rating
265VAC
135VAC
99V
72V
60V
33V
30V
16V
16V
30V
16V
6V
Hold Current (A)
———————————
—
0.050
25Ω
———
9.2Ω
——————
—
0.080
9.8Ω
——————————
—
0.100
————
3.50Ω
——————
—
0.110
———————————
—
0.120
4.8Ω
——————————
—
0.145
———————————
—
0.150
———————————
—
0.160
3.4Ω
——————————
—
0.170
————
4.30Ω
——————
—
0.180
———————————
—
0.200
—
—
—
2.29Ω
———————
—
0.250
1.7Ω
—
—
1.60Ω
———————
—
0.300
—
—
—
1.11Ω
———————
—
0.330
1.0Ω
——————————
—
0.400
0.80Ω
—
—
0.71Ω
———————
—
0.500
—
—
—
0.64Ω
—————
0.68Ω
——
0.550
0.59Ω
—
1.05Ω
————————
—
0.650
—
—
—
0.40Ω
———————
—
0.700
—————————
0.42Ω
——
0.750
—
0.325Ω
0.58Ω
0.325Ω
———————
0.14Ω
0.900
—
—
—
0.255Ω
—
—
0.095Ω
—
—
—
0.10Ω
—
1.000
—
0.224Ω
———————
0.24Ω
——
1.100
—
—
—
0.200Ω
—
—
0.075Ω
—
—
—
0.075Ω
—
1.200
—————
0.097Ω
—————
0.080Ω
1.250
—
0.148Ω
—————————
—
1.350
—
0.138Ω
—
0.155Ω
—
0.080Ω
0.060Ω
—
—
—
0.060Ω
—
1.550
———————————
0.058Ω
1.600
—
—
—
0.115Ω
—
—
0.050Ω
—
—
—
0.050Ω
—
1.850
—
—
—
0.100Ω
—
—
0.045Ω
—
—
—
0.045Ω
—
1.900
—————
0.054Ω
—————
—
PolySwitch Resettable Devices—Key Selection Criteria
Flatter
Lower Current
Protection Application
Small Size
Derating
Higher Voltage
Electromagnetic loads
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
Halogen lighting
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
Lighting ballast
RXEF (<72V), BBRF (<99V
AC)
LVR (<265V
AC)
Loudspeakers
RXEF (<72V)
RXEF (<72V)
Medical equipment
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
MOSFET devices
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
Motors, fans and blowers
RXEF (<72V), RGEF (<16V)
RHEF (<30V)
LVR (<265V
AC)
POS equipment
RXEF (<72V), RUEF (<30V)
Process and industrial controls
RXEF (<72V), RUEF (<30V)
Satellite video receivers
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
Security and fire alarm systems
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V), LVR (<265V
AC)
Test and measurement equipment
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V), LVR (<265V
AC)
Transformers
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V), LVR (<265V
AC)
UL 1950/FCC Part 68 requirements
RXEF (<72V)
DDC computer and consumer electronics
RUEF (<30V)
IEEE-1394 computer and consumer electronics
RTEF (<33V)
Mouse and keyboard
RUEF (<30V)
SCSI
RUEF (<30V)
USB
RUSBF (<16V)
Traces and printed circuit board protection
RGEF (<16V), RUEF (<30V)
RHEF (<30V)
RXEF (<72V)
This list is not exhaustive. Raychem Circuit Protection welcomes customer's input for additional application ideas for PolySwitch resettable devices.
The guide below lists PolySwitch devices that are typically used in these applications.
Specifications for the suggested device part numbers can be found in this section.
Once a part number has been selected, the user should evaluate and test each product for its intended application.
Table R1 - Product Series - Current Rating, Voltage Rating/Typical Resistance for Radial-leaded Devices
111
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com