Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB9 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMB9
Description  PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB9 Datasheet(HTML) 6 Page - NXP Semiconductors

  PEMB9 Datasheet HTML 1Page - NXP Semiconductors PEMB9 Datasheet HTML 2Page - NXP Semiconductors PEMB9 Datasheet HTML 3Page - NXP Semiconductors PEMB9 Datasheet HTML 4Page - NXP Semiconductors PEMB9 Datasheet HTML 5Page - NXP Semiconductors PEMB9 Datasheet HTML 6Page - NXP Semiconductors PEMB9 Datasheet HTML 7Page - NXP Semiconductors PEMB9 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003 Oct 03
6
NXP Semiconductors
Product data sheet
PNP/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PEMB9; PUMB9
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com