Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF110-AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # RUSBF110-AP
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-AP Datasheet(HTML) 3 Page - Tyco Electronics

  RUSBF110-AP Datasheet HTML 1Page - Tyco Electronics RUSBF110-AP Datasheet HTML 2Page - Tyco Electronics RUSBF110-AP Datasheet HTML 3Page - Tyco Electronics RUSBF110-AP Datasheet HTML 4Page - Tyco Electronics RUSBF110-AP Datasheet HTML 5Page - Tyco Electronics RUSBF110-AP Datasheet HTML 6Page - Tyco Electronics RUSBF110-AP Datasheet HTML 7Page - Tyco Electronics RUSBF110-AP Datasheet HTML 8Page - Tyco Electronics RUSBF110-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Cont'd
...
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C40°C50°C60°C70°C85°C
125°C
Part Number
LVR/LVRL
240VAC /120VAC
LVR005
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
LVR008
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
LVR012
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
LVR016
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
LVR025
0.38
0.32
0.26
0.25
0.21
0.18
0.15
0.13
0.09
LVR033
0.50
0.42
0.34
0.33
0.27
0.23
0.20
0.17
0.11
LVR040
0.61
0.51
0.41
0.40
0.33
0.28
0.24
0.20
0.14
LVR055K
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVR055S
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVRL075S
1.08
0.93
0.75
0.74
0.64
0.57
0.51
0.44
0.35
LVRL100S
1.40
1.19
1.00
0.94
0.82
0.73
0.65
0.57
0.45
LVRL125S
1.80
1.53
1.25
1.20
1.04
0.94
0.83
0.73
0.60
LVRL135S
2.00
1.65
1.35
1.29
1.12
1.01
0.90
0.78
0.65
LVRL200S
3.05
2.55
2.00
1.97
1.72
1.55
1.39
1.22
0.98
BBRF
99VAC
BBRF550
0.85
0.75
0.65
0.55
0.45
0.40
0.35
0.30
0.22
BBRF750
1.15
1.00
0.90
0.75
0.61
0.55
0.48
0.41
0.30
RXEF
60V
RXEF005
0.078
0.068
0.06
0.05
0.048
0.04
0.035
0.032
0.027
0.02
RXEF010
0.16
0.14
0.11
0.10
0.096
0.08
0.072
0.067
0.05
0.04
RXEF017
0.26
0.23
0.21
0.17
0.16
0.14
0.12
0.11
0.09
0.07
RXEF
72V
RXEF020
0.31
0.27
0.24
0.20
0.19
0.16
0.14
0.13
0.11
0.08
RXEF025
0.39
0.34
0.30
0.25
0.24
0.20
0.18
0.16
0.14
0.10
RXEF030
0.47
0.41
0.36
0.30
0.29
0.24
0.22
0.20
0.16
0.12
RXEF040
0.62
0.54
0.48
0.40
0.38
0.32
0.29
0.25
0.22
0.16
RXEF050
0.78
0.68
0.60
0.50
0.48
0.41
0.36
0.32
0.27
0.20
RXEF065
1.01
0.88
0.77
0.65
0.62
0.53
0.47
0.41
0.35
0.26
RXEF075
1.16
1.02
0.89
0.75
0.72
0.61
0.54
0.47
0.41
0.30
RXEF090
1.40
1.22
1.07
0.90
0.86
0.73
0.65
0.57
0.49
0.36
LVR
LVRL
BBRF
RXEF
RXEF
RTEF
RUEF
RGEF
RHEF
RHEF
RUSBF
RUSBF
Voltage Rating
265VAC
135VAC
99V
72V
60V
33V
30V
16V
16V
30V
16V
6V
Hold Current (A)
———————————
2.000
0.431Ω
0.061Ω
——
2.500
0.065Ω
0.030Ω
0.038Ω
0.030Ω
3.000
0.050Ω
0.035Ω
0.0514Ω
0.043Ω
——
3.750
0.040Ω
———————
4.000
0.020Ω
0.030Ω
0.032Ω
——
4.500
0.029Ω
——
5.000
0.020Ω
0.0192Ω
———
5.500
0.020Ω
——
6.000
0.013Ω
0.0145Ω
0.0175Ω
——
6.500
0.0144Ω
——
7.000
0.013Ω
0.0105Ω
0.0132Ω
——
7.500
0.012Ω
——
8.000
0.013Ω
0.0086Ω
0.0110Ω
——
9.000
0.008Ω
0.0070Ω
0.010Ω
——
10.00
0.0056Ω
0.0083Ω
——
11.00
0.0050Ω
0.0073Ω
——
12.00
0.0046Ω
———
13.00
0.0055Ω
——
14.00
0.0040Ω
0.005Ω
——
15.00
0.005Ω
——
Table R2 - Thermal Derating for Radial-leaded Devices [Hold Current (A) at Ambient Temperature (°C)]
Table R1 - Product Series - Current Rating, Voltage Rating/Typical Resistance for Radial-leaded Devices
Cont'd
...
13
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com