Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z-330P2J2 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # Z-330P2J2
Description  Z-BLOCKER짰 Z-330P2J2 xDSL over POTS CPE In-Line Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-330P2J2 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  Z-330P2J2 Datasheet HTML 1Page - Pulse A Technitrol Company Z-330P2J2 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12220 World Trade Drive, San Diego, CA 92128 USA
Direct: 858 674 8100, Fax: 858-385-8003
www.excelsus-tech.com
Specifications subject to change without notice. Excelsus is a registered trade mark of Pulse Engineering, Inc.
© 2009 Pulse Engineering, Inc.
EX132.A (10/09)
Z-BLOCKER® Z-330P2J2
xDSL over POTS CPE In-Line Filter
DC Resistance
Network port at 20mA
<25 Ω
Tip and Ring to Ground at ≤ 100 Vdc
>10 MΩ
Tip and Ring to Ground at ≥ 100 Vdc and ≤ 200 Vdc
>30 kΩ
Operating Current
5 to 90 mA
Operating Voltages
Network tip to ring
0 to –80 Vdc
Network tip to ring level with ringing signal of 17 to 23Hz and 40 to 106 Vrms
-20 to –80 Vdc
On-hook Voice Band Insertion Loss
Single filter
-0.5dB to 1.5dB
With 5 filters
-1.0dB to 6.5dB
On-hook Voice Band Insertion Loss Distortion
Single filter, 200 to 1000 Hz
-1.5dB to 1.5dB
With 5 filters, 200 to 1000 Hz
-5.5dB to 2.0dB
Single filter, 1 to 2.8 kHz
-1.5dB to 1.5dB
With 5 filters, 1 to 2.8 kHz
-2.0dB to 2.0dB
On- or Off-hook Envelope Delay 300 Hz - 2800 Hz
<250µs
Off-hook Voice Band Insertion Loss
Single filter
-0.5dB to 0.5dB
With 5 filters
-1.0dB to 1.0dB
Off-hook Voice Band Insertion Loss Distortion
Single filter, 200 to 3400 Hz
-1.0dB to 0.5dB
With 5 filters, 200 to 3400 Hz
-1.5dB to 2.5dB
Single filter, 3.4 to 4 kHz
-1.5dB to 1.0dB
With 5 filters, 3.4 to 4 kHz
-2.0dB to 3.25dB
Off-hook impedance distortion
Phone Port
SRL Low
>13 dB
“
ERL
>9 dB
“
SRL High
>3 dB
Network Port
SRL Low
>12 dB
“
ERL
>10 dB
“
SRL High
>5 dB
Inter-Modulation Distortion Second and Third order products
>60 dB
On-hook High Band Stopband Attenuation
From 25 kHz to 12 MHz, between 20 and 90 mA
>12 dB
Off-hook High Band Stopband Attenuation
From 25 to 50 kHz, between 20 and 90 mA
>21 dB
From 25 to 50 kHz, between 7 and 20 mA
>13 dB
From 50 k to 12 M Hz, between 20 and 90 mA
>25 dB
From 50 k to 12 M Hz, between 7 and 20 mA
>22 dB
Bridging Loss
Single filter, 25 kHz to 1.2 MHz
<0.5 dB
With 5 filters, 25 kHz to 1.2 MHz
<1.25 dB
Single filter, 25 kHz to 12 MHz
<3.0 dB
With 5 filters, 25 kHz to 12 MHz
<4.0 dB
Connectors: One RJ11 jack each forADSL Modem and Phone connection with a line 2 pass through, and one RJ11 plug on a 4” cord for Line connection.
Dimensions: Length = 2.04in (51.9mm), Width = 1.21in (30.8mm), Height = 0.710in (18.0mm)
Compliant and listed with UL / CSA 60950, FCC CFR 47 Part 68
Z-BLOCKER Z-330P2J2 Filter Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com