Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF155-2 Datasheet(PDF) 13 Page - Tyco Electronics

Part # RUSBF155-2
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF155-2 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button RUSBF155-2 Datasheet HTML 9Page - Tyco Electronics RUSBF155-2 Datasheet HTML 10Page - Tyco Electronics RUSBF155-2 Datasheet HTML 11Page - Tyco Electronics RUSBF155-2 Datasheet HTML 12Page - Tyco Electronics RUSBF155-2 Datasheet HTML 13Page - Tyco Electronics RUSBF155-2 Datasheet HTML 14Page - Tyco Electronics RUSBF155-2 Datasheet HTML 15Page - Tyco Electronics RUSBF155-2 Datasheet HTML 16Page - Tyco Electronics RUSBF155-2 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Table R4 - Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont'd
...
Dimension
Part
A
B
C
D
E
F
H
J
Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
TYP.
TYP.
TYP.
Figure
RHEF
16V - High Temperature
RHEF300
—
8.8
—
13.8
—
3.0
7.6
—
4.3
5.8
1.2
—
—
R14, R15
(0.35)
(0.55)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
R16
RHEF400
—
10.0
—
15.0
—
3.0
7.6
—
4.3
5.8
1.2
1.24
1.6
R14, R15,
(0.39)
(0.59)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.06)
R16
RHEF450
—
10.4
—
15.6
—
3.0
7.6
—
4.3
5.8
1.2
1.24
1.6
R14, R15,
(0.41)
(0.61)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.06)
R16
RHEF550
—
11.2
—
18.9
—
3.0
7.6
—
4.3
5.8
1.2
—
—
R14, R15
(0.44)
(0.74)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
RHEF600
—
11.2
—
21.0
—
3.0
7.6
—
4.3
5.8
1.2
1.24
1.7
R14, R15,
(0.44)
(0.83)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.067)
R16
RHEF650
—
12.7
—
22.2
—
3.0
7.6
—
4.3
5.8
1.2
1.24
1.8
R14, R15,
(0.50)
(0.88)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.07)
R16
RHEF700
—
14.0
—
21.9
—
3.0
7.6
—
4.3
5.8
1.2
—
—
R14, R15
(0.55)
(0.86)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
RHEF750
—
14.0
—
23.5
—
3.0
7.6
—
4.3
5.8
1.2
1.24
2.0
R14, R15,
(0.55)
(0.93)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.08)
R16
RHEF800
—
16.5
—
22.5
—
3.0
7.6
—
4.3
5.8
1.2
—
—
R14, R15
(0.65)
(0.88)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
R16
RHEF900
—
16.5
—
25.7
—
3.0
7.6
—
4.3
5.8
—
—
—
R14, R15
(0.65)
(1.01)
(0.12)
(0.30)
(0.17)
(0.23)
R16
RHEF1000
—
17.5
—
26.5
—
3.0
7.6
—
9.4
10.9
1.2
1.24
1.5
R14, R15,
(0.69)
(1.04)
(0.12)
(0.30)
(0.37)
(0.43)
(0.05)
(0.049)
(0.06)
R16
RHEF1100
—
21.0
—
26.1
—
3.0
7.6
—
9.4
10.9
1.2
—
—
R14, R15
(0.83)
(1.03)
(0.12)
(0.30)
(0.37)
(0.43)
(0.05)
R16
RHEF1300
—
23.5
—
28.7
—
3.6
7.6
—
9.4
10.9
1.4
1.45
1.9
R14, R15,
(0.925)
(1.13)
(0.14)
(0.30)
(0.37)
(0.43)
(0.06)
(0.057)
(0.084)
R16
RHEF1400
—
23.5
—
28.6
—
3.6
7.6
—
9.4
10.9
1.4
—
—
R14, R15
(0.93)
(1.13)
(0.14)
(0.30)
(0.37)
(0.43)
(0.06)
R16
RHEF1500
—
23.5
—
28.7
—
3.6
7.6
—
9.4
10.9
1.4
1.45
1.9
R14, R15,
(0.925)
(1.13)
(0.14)
(0.30)
(0.37)
(0.43)
(0.06)
(0.057)
(0.084)
R16
RUSBF
6V
RUSBF075
—
6.9
—
11.4
—
3.1
7.6
—
4.3
5.9
—
0.91
1.0
R10, R15,
(0.27)
(0.45)
(0.12)
(0.30)
(0.17)
(0.23)
(0.036)
(0.04)
R16
RUSBF120
—
6.9
—
11.7
—
3.1
7.6
—
4.3
5.9
—
0.91
1.0
R10, R15,
(0.27)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.036)
(0.04)
R16
RUSBF155
—
6.9
—
11.7
—
3.1
7.6
—
4.3
5.9
—
0.91
1.0
R10, R15,
(0.27)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.036)
(0.04)
R16
LVR/LVRL
A = LVR005
B = LVR008
C = LVR012
D = LVR016
E = LVR025
F = LVR033
G = LVR040
Figures R17-R23 - Typical Time-to-trip curves at 20°C for Radial-leaded Devices
H = LVR055
I = LVRL075
J = LVRL100
K = LVRL125
L = LVRL135
M = LVRL200
13
122
Figure R17
Fault current (A)
0.1
1
10
100
1000
0.1
1
10
100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
L
L
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com