Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF155-AP Datasheet(PDF) 14 Page - Tyco Electronics

Part # RUSBF155-AP
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF155-AP Datasheet(HTML) 14 Page - Tyco Electronics

Back Button RUSBF155-AP Datasheet HTML 10Page - Tyco Electronics RUSBF155-AP Datasheet HTML 11Page - Tyco Electronics RUSBF155-AP Datasheet HTML 12Page - Tyco Electronics RUSBF155-AP Datasheet HTML 13Page - Tyco Electronics RUSBF155-AP Datasheet HTML 14Page - Tyco Electronics RUSBF155-AP Datasheet HTML 15Page - Tyco Electronics RUSBF155-AP Datasheet HTML 16Page - Tyco Electronics RUSBF155-AP Datasheet HTML 17Page - Tyco Electronics RUSBF155-AP Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Figures R17-R23 - Typical Time-to-trip curves at 20°C for Radial-leaded Devices
Cont'd
...
BBRF
A = BBRF550
B = BBRF750
RTEF
C = RTEF120
D = RTEF135
E = RTEF190
RXEF
A = RXEF005
B = RXEF010
C = RXEF017
D = RXEF020
E = RXEF025
F = RXEF030
G = RXEF040
H = RXEF050
I = RXEF065
J = RXEF075
K = RXEF090
L = RXEF110
M = RXEF135
N = RXEF160
O = RXEF185
P = RXEF250
Q = RXEF300
R = RXEF375
RUEF
A = RUEF090
B = RUEF110
C = RUEF135
D = RUEF160
E = RUEF185
F = RUEF250
G = RUEF300
H = RUEF400
I = RUEF500
J = RUEF600
K = RUEF700
L = RUEF800
M = RUEF900
Fault current (A)
1000
100
10
1
0.1
0.01
0.1
1
10
100
AB
A B
CE
D
C
E
D
Fault current (A)
1000
100
10
1
0.1
0.01
0.001
0.1
1
10
100
B
A
CDEF G H I JKLMNO PQR
B
C D E F
G
A
Figure R18
Figure R19
Figure R20
Fault current (A)
1000
1
10
100
M
L
K
J
I
H
G
F
E
D
C
B
A
100
10
1
0.1
0.01
0.001
123
13
H
I
J
K
L
M
N
O
P
Q
R
A
B
C
D
E
F
G
H
I
J
K
L
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com