Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMD3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMD3 Datasheet(HTML) 1 Page - NXP Semiconductors

  PIMD3 Datasheet HTML 1Page - NXP Semiconductors PIMD3 Datasheet HTML 2Page - NXP Semiconductors PIMD3 Datasheet HTML 3Page - NXP Semiconductors PIMD3 Datasheet HTML 4Page - NXP Semiconductors PIMD3 Datasheet HTML 5Page - NXP Semiconductors PIMD3 Datasheet HTML 6Page - NXP Semiconductors PIMD3 Datasheet HTML 7Page - NXP Semiconductors PIMD3 Datasheet HTML 8Page - NXP Semiconductors PIMD3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN/PNP Resistor-Equipped Transistors (RET).
1.2 Features
Built-in bias resistors
Simplifies circuit design
Reduces component count
Reduces pick and place costs
1.3 Applications
Low current peripheral driver
Control of IC inputs
Replaces general-purpose transistors in digital applications
1.4 Quick reference data
PEMD3; PIMD3; PUMD3
NPN/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
Rev. 10 — 15 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP/PNP
complement
NPN/NPN
complement
NXP
JEITA
PEMD3
SOT666
-
PEMB11
PEMH11
PIMD3
SOT457
SC-74
-
-
PUMD3
SOT363
SC-88
PUMB11
PUMH11
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PIMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PIMD3 PHILIPS-PIMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
PIMD3 NXP-PIMD3 Datasheet
986Kb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 11-25 September 2013
logo
Nexperia B.V. All right...
PIMD3 NEXPERIA-PIMD3 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
PIMD3 NEXPERIA-PIMD3 Datasheet
1Mb / 18P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 11 - 25 September 2013
More results

Similar Description - PIMD3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114E NXP-PDTA114E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PDTC123Y NXP-PDTC123Y Datasheet
145Kb / 11P
NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTC143X NXP-PDTC143X Datasheet
147Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
PDTC144V NXP-PDTC144V Datasheet
147Kb / 11P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com