Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESDXS2UT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXS2UT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESDXS2UT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UT Datasheet HTML 9Page - NXP Semiconductors PESDXS2UT Datasheet HTML 10Page - NXP Semiconductors PESDXS2UT Datasheet HTML 11Page - NXP Semiconductors PESDXS2UT Datasheet HTML 12Page - NXP Semiconductors PESDXS2UT Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2004 Apr 15
10
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
APPLICATION INFORMATION
The PESDxS2UT series is designed for uni-directional protection for up to two lines against damage caused by
ElectroStatic Discharge (ESD) and surge pulses. The PESDxS2UT series may be used on lines where the signal
polarities are below ground. PESDxS2UT series provide a surge capability of up to 330 W (Ppp) per line for an 8/20 µs
waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge transients. The
following guidelines are recommended:
• Place the PESDxS2UT as close as possible to the input terminal or connector.
• The path length between the PESDxS2UT and the protected line should be minimized.
• Keep parallel signal paths to a minimum.
• Avoid running protected conductors in parallel with unprotected conductors.
• Minimize all printed-circuit board conductive loops including power and ground loops.
• Minimize the length of transient return paths to ground.
• Avoid using shared return paths to a common ground point.
• Ground planes should be used whenever possible. For multilayer printed-circuit boards use ground vias.
001aaa491
PESDxS2UT
line 1 to be protected
unidirectional protection
of two lines
bidirectional protection
of one line
line 2 to be protected
ground
PESDxS2UT
line 1 to be protected
ground
Fig.10 Typical application: ESD protection of data lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com