Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS4UD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESDXS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXS4UD Datasheet(HTML) 1 Page - NXP Semiconductors

  PESDXS4UD Datasheet HTML 1Page - NXP Semiconductors PESDXS4UD Datasheet HTML 2Page - NXP Semiconductors PESDXS4UD Datasheet HTML 3Page - NXP Semiconductors PESDXS4UD Datasheet HTML 4Page - NXP Semiconductors PESDXS4UD Datasheet HTML 5Page - NXP Semiconductors PESDXS4UD Datasheet HTML 6Page - NXP Semiconductors PESDXS4UD Datasheet HTML 7Page - NXP Semiconductors PESDXS4UD Datasheet HTML 8Page - NXP Semiconductors PESDXS4UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Quadruple ElectroStatic Discharge (ESD) protection diode arrays in a SOT457 (SC-74)
small Surface-Mounted Device (SMD) plastic package designed to protect up to 4 signal
lines from the damage caused by ESD and other transients.
1.2 Features
1.3 Applications
1.4 Quick reference data
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02 — 21 August 2009
Product data sheet
I ESD protection of up to 4 lines
I ESD protection up to 30 kV
I Max. peak pulse power: PPP = 200 W
I IEC 61000-4-2; level 4 (ESD)
I Ultra low leakage current: IRM =50pA
I IEC 61000-4-5; (surge); IPP up to 20 A
I Low clamping voltage: VCL =12V at
IPP =20A
I Computers and peripherals
I Communication systems
I Audio and video equipment
I Portable electronics
I Cellular handsets and accessories
I Subscriber Identity Module (SIM) card
protection
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3S4UD
-
-
3.3
V
PESD5V0S4UD
-
-
5
V
PESD12VS4UD
-
-
12
V
PESD15VS4UD
-
-
15
V
PESD24VS4UD
-
-
24
V


Similar Part No. - PESDXS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
More results

Similar Description - PESDXS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com