Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVP2120G Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVP2120G
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP2120G Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVP2120G Datasheet HTML 1Page - Zetex Semiconductors ZVP2120G Datasheet HTML 2Page - Zetex Semiconductors ZVP2120G Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0
20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-
So
urc
e R
es
ista
nc
e
RDS(
on
)
Gate Threshold Vo
ltage VGS
(th)
ID=-0.1A
0-2
-4
-6
-8
-10
0
-20
-40
-60
-80
-100
Saturation Characteristics
-14
-12
-10
-6
-2
0
-4
-8
-16
-18
0
-2
-4
-6
-8
-10
-20
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
-5V
-4V
-10V
-5V
ID=
-
300mA
-200mA
-100mA
VGS-Gate Source Voltage (Volts)
VGS=-10V
ID=-1mA
VGS=VDS
-0.6
-0.4
0
-0.2
2.6
180
VGS=
-10V
-7V
-4.5V
-6V
-7V
-4V
-3.5V
-8V
VGS=
-8V
VDS - Drain Source Voltage (Volts)
On-resistance vs gate-source voltage
VGS-Gate Source Voltage (Volts)
-1
-10
100
50
-20
ID=
-300mA
-200mA
-I00mA
-6V
-4.5V
-3.5V
-0.4
-0.3
-0.1
0
-0.2
-50mA
0-2
-4
-6
-8
-10
-10V
-0.6
-0.4
0
-0.2
VDS=
-25V
-50mA
10
T-Temperature (°C)
TYPICAL CHARACTERISTICS
Transconductance v drain current
ID- Drain Current (Amps)
0
-0.2
-0.4
-0.6
-0.8
0
Q-Charge (nC)
0
VDS=-25V
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
0
0-2
-4
-6
-8
-10
VDS=-25V
0-10
-20
-30
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Coss
Gate charge v gate-source voltage
-6
-8
-10
-14
-16
-12
-4
-2
0
VDS=
-50V
ID=- 0.4A
-100V -180V
-40
-50
0.2 0.4 0.6 0.8 1.0 1.2
80
60
40
20
100
180
160
140
120
200
80
60
40
20
100
180
160
140
120
200
40
20
60
Ciss
Crss
80
100
1.4 1.6 1.8 2.0 2.2 2.4
ZVP2120G
ZVP2120G
3 - 432
3 - 433



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com