Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-1ARJZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4051-1ARJZ-R2
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-1ARJZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4051-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4051-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 6 of 2
–10
–8
–6
–4
–2
0
2468
10
VOS (µV)
0
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
0
50
100
150
200
250
300
VSY = 1.8V
VCM = VSY/2
0
50
100
150
200
250
300
–10
–8
–6
–4
–2
02468
10
VOS (µV)
VSY = 5V
VCM = VSY/2
Figure 5. Input Offset Voltage Distribution
Figure 8. Input Offset Voltage Distribution
0
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10
2
4
6
8
10
0
2
4
6
8
0
0.010.020.030.040.050.060.070.080.090.10
TCVOS (µV/°C)
VSY = 5V
–40°C ≤ TA ≤ 125°C
TCVOS (µV/°C)
VSY = 1.8V
–40°C ≤ TA ≤ +125°C
Figure 6. Input Offset Voltage Drift Distribution with Temperature
–15
–10
–5
0
5
10
15
Figure 9. Input Offset Voltage Drift Distribution with Temperature
0
0.3
0.6
0.9
1.2
1.5
1.8
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
DEVICE 6
DEVICE 7
DEVICE 8
DEVICE 9
DEVICE 10
VCM (V)
VSY = 1.8V
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
DEVICE 6
DEVICE 7
DEVICE 8
DEVICE 9
012345
DEVICE 10
–15
–10
–5
0
5
10
15
VSY = 5V
VCM (V)
Figure 7. Input Offset Voltage vs. Input Common-Mode Voltage
Figure 10. Input Offset Voltage vs. Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com