Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO Datasheet(PDF) 2 Page - Recom International Power

Part # RO
Description  1 Watt SIP4 Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO Datasheet(HTML) 2 Page - Recom International Power

  RO_10 Datasheet HTML 1Page - Recom International Power RO_10 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-22
www.recom-electronic.com
REV: 0/2010
Package Style and Pinning (mm)
2.54
2.54
Top View
Bottom View
6.00
1.27
0.25
7.62
1.9
2
13 4
4.10
0.51 typ.
0.51 typ.
10.00
RECOM
RO-0505S
****
1.00ø+0.15/–0
11.50
RECOM
RO-0505S
****
3rd angle
projection
Recommended Footprint Details
4 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RO Pin Connections
Pin #
Single
1
–Vin
2
+Vin
3
–Vout
4
+Vout
Typical Characteristics
RO
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
0512
1212
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.315
1215
0515
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
RO-xx05S
RO-xx12S
RO-xx15S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com