Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKZ Datasheet(PDF) 1 Page - Recom International Power

Part # RKZ
Description  2 Watt SIP7 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ Datasheet(HTML) 1 Page - Recom International Power

  RKZ Datasheet HTML 1Page - Recom International Power RKZ Datasheet HTML 2Page - Recom International Power RKZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
www.recom-international.com
E-57
REV:0/2010
EN-60950-1 Certified
EN-60601-1 Certified
RKZ
}DetailedInformationsee
Application Notes chapter "MTBF"
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP7
4kV
(VDC)
(VDC)
(mA)
(%)
RKZ-xx05S
(H)
5, 12
5
400
82-84
RKZ-xx12S
(H)
5, 12
12
168
82-84
RKZ-xx15S
(H)
5, 12
15
132
82-84
RKZ-xx05D
(H)
5, 12
±5
±200
70-82
RKZ-xx12D
(H)
5, 12
±12
±84
82-84
RKZ-xx15D
(H)
5, 12
±15
±66
82-84
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RKZ-0524D/P,
e.g. RKZ-0524D/HP has 4kV Isolation and is Short Circuit Protected.
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
2 Watt
SIP7
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
● High Isolation 2W Converter
● Approved for Medical Applications
● Custom Solutions Available
● 3kVDC and 4kVDC Isolation Options
● UL94V-0 Package Material
● Optional Continuous Short Circuit Protected
● Efficiency to 84 %
Features
Unregulated
Converters
The RKZ Series of 2W DC/DC Converters are certified to EN 60950-1 and to the medical standard EN-60601-1. This makes
them suitable for high end industrial applications such as IGBT driver circuitry as well as standard medical applications.
The RUZ converters are pin-compatible with the RK and RH converter series, offering a simple way to upgrade a 1W high
isolation supply to 2W.
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
5V output type
15% max.
(10% to 100% full load)
12V, 15V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
35kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
134mW min. / 212mW typ. / 350mW max.
Maximun Capacitive Load
47µF / ±33µF
Isolation Voltage
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
4000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
30pF min. / 110pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
2.8g
Packing Quantity
25 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
988 x 103 hours
(+85°C)
using MIL-HDBK 217F
135 x 103 hours
Refer to Application Notes
RoHS
2002/95/EC
6/6


Similar Part No. - RKZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ RECOM-RKZ Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505D RECOM-RKZ-0505D Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505D RECOM-RKZ-0505D Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505DHP RECOM-RKZ-0505DHP Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RKZ-0505DP RECOM-RKZ-0505DP Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
More results

Similar Description - RKZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ RECOM-RKZ Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
2 Watt SIP7 Isolated Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
2 Watt SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
2 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com