Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW2-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RW2-0505S
Description  2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW2-0505S Datasheet(HTML) 2 Page - Recom International Power

  RW2-0505S Datasheet HTML 1Page - Recom International Power RW2-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14.50
7 8
10 9
16
1
24.2
16.9 ±0.2
4.60
Bottom View
7 x 2.54
0.50
9.70
2.54
Top View
2.54
14.50
15.24
2.54
1.00 dia.
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.35 mm
Package Style and Pinning (mm)
Pin Connections (All Case Styles)
Pin #
Single
Dual
1
–Vin
–Vin
7
NC
NC
8
NC
Com
9
+Vout
+Vout
10
–Vout
–Vout
16
+Vin
+Vin
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
RW2
Series
ECONOLINE
DC/DC-Converter
} ForDetailedInformationsee
Application Notes chapter "MTBF"
14.50
7 8
10 9
16
1
1
24.2
18.55
9.70
Bottom View
7 x 2.54
Pin area
0.1 x 0.50
0.50
10.20
2.54
17.24
17.78
19.27
1.54
2.03
Top View
2.54
16.0
16 Pin DIP Package
16 Pin SMD Package
Case Style A (Standard, /H2 and /H3 Options)
Case Style SMD (Standard, /H2 and /H3 Options)
12.55
7 8
10 9
16
1
22.1
10.16
4.00
Bottom View
7 x 2.54
8.50
2.54
Top View
2.54
12.55
15.24
2.54
1.00 dia.
10.16
Case Style B (Standard, /H2 and /H3 Options)
Recommended Footprint Details
16 Pin Mini-DIP Package
Recommended Pad Details
Input Voltage Range
2:1
Output Accuracy
±2% typ.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation
(20% to 100% full load)
±0.5% typ.
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Switching Frequency (at full Load)
100kHz min. / 700kHz max.
Efficiency at Full Load
70% min. / 80% typ.
Isolation Voltage
(tested for 1 second)
1000VDC min.
H2 /H3
2000VDC min./ 3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
30pF max.
Isolation Resistance
1G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +85°C (see Graph)
Storage Temperature Range
–55°C to +125°C
Case Temperature
100°C max.
Relative Humidity
95% RH
Package Weight
6.4g
Packing Quantity
Case Style A, SMD
20 pcs per tube
Case Style B
22 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
4366 x10³ hours
(+85°C)
using MIL-HDBK 217F
658 x10³ hours
REV: 0/2010
www.recom-electronic.com
E-88



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com