Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMZ2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIMZ2
Description  NPN/PNP general-purpose double transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMZ2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PIMZ2 Datasheet HTML 1Page - NXP Semiconductors PIMZ2 Datasheet HTML 2Page - NXP Semiconductors PIMZ2 Datasheet HTML 3Page - NXP Semiconductors PIMZ2 Datasheet HTML 4Page - NXP Semiconductors PIMZ2 Datasheet HTML 5Page - NXP Semiconductors PIMZ2 Datasheet HTML 6Page - NXP Semiconductors PIMZ2 Datasheet HTML 7Page - NXP Semiconductors PIMZ2 Datasheet HTML 8Page - NXP Semiconductors PIMZ2 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PIMZ2_PUMZ2_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
3 of 9
NXP Semiconductors
PIMZ2; PUMZ2
NPN/PNP general-purpose double transistors
5.
Limiting values
[1]
Device mounted on an FR4 printed-circuit board.
6.
Thermal characteristics
[1]
Device mounted on an FR4 printed-circuit board.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current (DC)
-
150
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT457
[1] -200
mW
SOT363
[1] -180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT457
[1] -300
mW
SOT363
[1] -300
mW
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
Tamb ≤ 25 °C
SOT457
[1] --625
K/W
SOT363
[1] --694
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
Tamb ≤ 25 °C
SOT457
[1] --417
K/W
SOT363
[1] --417
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com