Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1009F Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCT1009F
Description  HIGH-SIDE CURRENT MONITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1009F Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCT1009F Datasheet HTML 1Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 2Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 3Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 4Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 5Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 6Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 7Page - Zetex Semiconductors ZXCT1009F Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ISSUE 3 - APRIL 2001
ZXCT1009
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
-0.6V to 20V (relative to Iout)
Continuous output current
25mA
Continuous sense voltage
Vin + 0.5V > Vsense
†> Vin – 5V
Operating Temperature
-40 to 85
° C
Storage Temperature
-55 to 125
° C
Package Power Dissipation
(TA = 25
° C)
SOT23
450mW
SM8
2W
ELECTRICAL CHARACTERISTICS
Test Conditions TA = 25
° C, Vin = 5V, Rout = 100Ω.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
Min
Typ
Max
Vin
VCC Range
2.5
20
V
Iout1
Output current
Vsense=0V
Vsense=10mV
Vsense=100mV
Vsense=200mV
Vsense=1V
1
90
0.975
1.95
9.6
4
104
1.002
2.0
9.98
15
120
1.025
2.05
10.2
µA
µA
mA
mA
mA
Vsense†
Sense Voltage
0
2500
mV
Isense
Load pin
input current
100
nA
Acc
Accuracy
Rsense = 0.1Ω
Vsense=200mV
-2.5
2.5
%
Gm
Transconductance,
Iout /Vsense
10000
µA/V
BW
Bandwidth
RF Pin= -20dBm‡
Vsense = 10mV dc
Vsense = 100mV dc
300
2
kHz
MHz
1 Includes input offset voltage contribution
†Vsense=Vin-Vload
‡ -20dBm=63mVp-p into 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com