Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9514 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 35Page - SMSC Corporation LAN9514 Datasheet HTML 36Page - SMSC Corporation LAN9514 Datasheet HTML 37Page - SMSC Corporation LAN9514 Datasheet HTML 38Page - SMSC Corporation LAN9514 Datasheet HTML 39Page - SMSC Corporation LAN9514 Datasheet HTML 40Page - SMSC Corporation LAN9514 Datasheet HTML 41Page - SMSC Corporation LAN9514 Datasheet HTML 42Page - SMSC Corporation LAN9514 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
39
Revision 1.0 (11-24-09)
DATASHEET
Chapter 4 Operational Characteristics
4.1
Absolute Maximum Ratings*
Supply Voltage (VDD33IO, VDD33A) (Note 4.1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to +3.6V
Positive voltage on signal pins, with respect to ground (Note 4.2). . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Negative voltage on signal pins, with respect to ground (Note 4.3) . . . . . . . . . . . . . . . . . . . . . . . . -0.5V
Positive voltage on XI, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+4.6V
Positive voltage on XO, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+2.5V
Ambient Operating Temperature in Still Air (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 4.4
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +150oC
Lead Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance per JESD 22-A114-E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+/- 8kV
Contact Discharge ESD Performance per IEC61000-4-2 (Note 4.5) . . . . . . . . . . . . . . . . . . . . . .+/- 8kV
Air-Gap Discharge ESD Performance per IEC61000-4-2 (Note 4.5) . . . . . . . . . . . . . . . . . . . . .+/- 15kV
Latch-up Performance per EIA/JESD 78 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+/- 200mA
Note 4.1
When powering this device from laboratory or system power supplies, it is important that
the absolute maximum ratings not be exceeded or device failure can result. Some power
supplies exhibit voltage spikes on their outputs when AC power is switched on or off. In
addition, voltage transients on the AC power line may appear on the DC output. If this
possibility exists, it is suggested that a clamp circuit be used.
Note 4.2
This rating does not apply to the following pins: XI, XO, EXRES, USBRBIAS.
Note 4.3
This rating does not apply to the following pins: EXRES, USBRBIAS.
Note 4.4
0oC to +70oC for commercial version, -40oC to +85oC for industrial version.
Note 4.5
Performed by independant 3rd party test facility.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is
a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Functional operation of the device at any condition exceeding those indicated in
Section 4.2, "Operating Conditions**", Section 4.4, "DC Specifications", or any other applicable section
of this specification is not implied. Note, device signals are NOT 5 volt tolerant unless specified
otherwise.
4.2
Operating Conditions**
Supply Voltage (VDD33A, VDD33BIAS, VDD33IO) . . . . . . . . . . . . . . . . . . . . . . . . . . .+3.3V +/- 300mV
Ambient Operating Temperature in Still Air (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 4.4
**Proper operation of LAN9514/LAN9514i is guaranteed only within the ranges specified in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com