Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9514i Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN9514i
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514i Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN9514i Datasheet HTML 17Page - SMSC Corporation LAN9514i Datasheet HTML 18Page - SMSC Corporation LAN9514i Datasheet HTML 19Page - SMSC Corporation LAN9514i Datasheet HTML 20Page - SMSC Corporation LAN9514i Datasheet HTML 21Page - SMSC Corporation LAN9514i Datasheet HTML 22Page - SMSC Corporation LAN9514i Datasheet HTML 23Page - SMSC Corporation LAN9514i Datasheet HTML 24Page - SMSC Corporation LAN9514i Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9514/LAN9514i
21
Revision 1.0 (11-24-09)
DATASHEET
09h
Configuration Flags
0Ah
Language ID Descriptor [7:0]
0Bh
Language ID Descriptor [15:8]
0Ch
Manufacturer ID String Descriptor Length (bytes)
0Dh
Manufacturer ID String Descriptor EEPROM Word Offset
0Eh
Product Name String Descriptor Length (bytes)
0Fh
Product Name String Descriptor EEPROM Word Offset
10h
Serial Number String Descriptor Length (bytes)
11h
Serial Number String Descriptor EEPROM Word Offset
12h
Configuration String Descriptor Length (bytes)
13h
Configuration String Descriptor Word Offset
14h
Interface String Descriptor Length (bytes)
15h
Interface String Descriptor Word Offset
16h
Hi-Speed Device Descriptor Length (bytes)
17h
Hi-Speed Device Descriptor Word Offset
18h
Hi-Speed Configuration and Interface Descriptor Length (bytes)
19h
Hi-Speed Configuration and Interface Descriptor Word Offset
1Ah
Full-Speed Device Descriptor Length (bytes)
1Bh
Full-Speed Device Descriptor Word Offset
1Ch
Full-Speed Configuration and Interface Descriptor Length (bytes)
1Dh
Full-Speed Configuration and Interface Descriptor Word Offset
1Eh-1Fh
RESERVED
20h
Vendor ID LSB Register (VIDL)
21h
Vendor ID MSB Register (VIDM)
22h
Product ID LSB Register (PIDL)
23h
Product ID MSB Register (PIDM)
24h
Device ID LSB Register (DIDL)
25h
Device ID MSB Register (DIDM)
26h
Config Data Byte 1 Register (CFG1)
27h
Config Data Byte 2 Register (CFG2)
28h
Config Data Byte 3 Register (CFG3)
29h
Non-Removable Devices Register (NRD)
2Ah
Port Disable (Self) Register (PDS)
2Bh
Port Disable (Bus) Register (PDB)
Table 3.1 EEPROM Format (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com