Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S Datasheet(PDF) 3 Page - Recom International Power

Part # R2S
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S Datasheet(HTML) 3 Page - Recom International Power

  R2S Datasheet HTML 1Page - Recom International Power R2S Datasheet HTML 2Page - Recom International Power R2S Datasheet HTML 3Page - Recom International Power R2S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
E-47
REV:3/2010
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Bottom View
0.50
Top View
Top View
Bottom View
0.50
*R2S-05xx/HP = 9.4mm
2.54 x 3
12.75
8.7
9.0*
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R2D-xxxx
xxxx
1
15.24
8.7
2.54x4
9.0
12.00
1.80
2.54
1.20
85
24
1
RECOM
R2S-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54
Package Style and Pinning (mm)
3rd angle
projection
8 PIN Single SMD Package
10 PIN Dual SMD Package
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
–Vout
Com
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC = No Connection
R2S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
e.g. R2S-0505, R2S-0505/H, R2S-0505/HP
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
e.g. R2S8-0505, R2S8-0505/P
R2D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
e.g. R2D-0505, R2D-0505/H, R2D-0505/HP
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
e.g. R2D10-0505, R2D10-0505/P
EMC Filtering - Suggestion for EN55022 Class B (Conducted and Emitted)
+
Output
3.3µF
Input
470pF/4kVDC
3.3µH
+
+Vout
3.3µF
Input
470pF/4kVDC
3.3µH
-Vout
Com
R2S**
R2D**



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com