Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S-xx3.3 Datasheet(PDF) 2 Page - Recom International Power

Part # R2S-xx3.3
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S-xx3.3 Datasheet(HTML) 2 Page - Recom International Power

  R2S-xx3.3 Datasheet HTML 1Page - Recom International Power R2S-xx3.3 Datasheet HTML 2Page - Recom International Power R2S-xx3.3 Datasheet HTML 3Page - Recom International Power R2S-xx3.3 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-46
www.recom-electronic.com
REV: 3/2010
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Specifications - Continued
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
R2S-xx05
Isolation Voltage
(tested for 1 second)
1000VDC min.
H-Suffix
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 115pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Package Weight
R2S, R2S8
1.4g
R2D, R2D10
1.6g
R2S12, R2D12
2.0g
Packing Quantity
R2S, R2S8
39 pcs per Tube
R2S12, R2D, R2D10, R2D12
33 pcs per tube
All Types
250 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
886 x 103 hours
(+85°C)
using MIL-HDBK 217F
128 x 103 hours
Certifications
CB Test Report
Report: US/14402/UL
UL General Safety
Report: E322406
UL 60950-1 1st Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN General Safety
EN-60950-1 2rd Ed.
EN Medical Safety
EN-60601-1
}DetailedInformationsee
Application Notes chapter "MTBF"
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
R2D-xx05
100
60
20
40
110
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
Derating-Graph
(Ambient Temperature)
The derating graph is valid only for the shown part
numbers. The converters have been tested at full
load with 100°C ambient temperature and all
internal component temperatures are within limits.
However, Recom can only guarantee continuous
operation of up to +85°C to maintain the validity of
the UL certificates.
R2S-0505, R2D-0505



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com