Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD9002D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMD9002D
Description  MOSFET driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9002D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMD9002D Datasheet HTML 2Page - NXP Semiconductors PMD9002D Datasheet HTML 3Page - NXP Semiconductors PMD9002D Datasheet HTML 4Page - NXP Semiconductors PMD9002D Datasheet HTML 5Page - NXP Semiconductors PMD9002D Datasheet HTML 6Page - NXP Semiconductors PMD9002D Datasheet HTML 7Page - NXP Semiconductors PMD9002D Datasheet HTML 8Page - NXP Semiconductors PMD9002D Datasheet HTML 9Page - NXP Semiconductors PMD9002D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PMD9002D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
6 of 15
NXP Semiconductors
PMD9002D
MOSFET driver
7.
Characteristics
Ceramic PCB, Al2O3, standard footprint
Fig 4.
TR2: Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa922
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.05
0.1
0.02
duty cycle =
1
0.01
0.75
0.5
0.33
0.2
0
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Transistor 1 (TR1)
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IE =0A
-
-
1
µA
VCE = 30 V; IE =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IE = 0 A
-
-
0.9
mA
hFE
DC current gain
VCE =5V; IC =20mA
30
100
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
50
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 0.1 mA
-
1.1
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 20 mA
2.5
1.9
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Transistor 2 (TR2)
ICBO
collector-base cut-off
current
VCB = 30 V; IE =0A
-
-
15
nA
VCB = 30 V; IE =0A;
Tj = 150 °C
--
5
µA
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
60
200
mV
IC = 100 mA; IB = 5 mA
-
200
400
mV
IC = 200 mA; IB = 20 mA
-
340
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com