Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3V5004G Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MP3V5004G
Description  Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5004G Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MP3V5004G Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP3V5004G
Sensors
2
Freescale Semiconductor
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 3.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2.
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0
—
3.92
400
kPa
mm H2O
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
2.7
3.0
3.3
VDC
Supply Current
IS
—
—
10
mAdc
Span at 306 mm H2O (3 kPa)
(2)
2. Span is defined as the algebraic difference between the output voltage at specified pressure and the output voltage at the minimum rated
pressure.
VFSS
—
1.8
—
V
Offset(3) (4)
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Accuracy (error budget) consists of the following:
Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum
or maximum rated pressure, at 25
°C.
Offset Stability:
Output deviation, after 1000 temperature cycles, -30
° to 100°C, and 1.5 million pressure cycles, with minimum
rated pressure applied.
TcSpan:
Output deviation over the temperature range of 10
° to 60°C, relative to 25°C.
TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 10
° to 60°C, relative to 25°C.
Variation from Nominal:
The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
VOFF
0.45
0.6
0.75
V
Sensitivity
V/P
—
0.6
5.9
—
V/kPa
mV/mm H2O
Accuracy(4) (5)
0 to 100 mm H2O (10 to 60°C)
100 to 400 mm H2O (10 to 60°C)
5. Auto-Zero at Factory Installation: Due to the sensitivity of the MP3V5004G, external mechanical stresses and mounting position can affect
the zero pressure output reading. Auto-zeroing is defined as storing the zero pressure output reading and subtracting this from the device's
output during normal operations. Reference AN1636 for specific information. The specified accuracy assumes a maximum temperature
change of ±5
°C between auto-zero and measurement.
—
—
—
—
—
—
±1.5
±2.5
%VFSS
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com