Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC6 Datasheet(PDF) 2 Page - Recom International Power

Part # REC6
Description  6 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6 Datasheet(HTML) 2 Page - Recom International Power

  REC6 Datasheet HTML 1Page - Recom International Power REC6 Datasheet HTML 2Page - Recom International Power REC6 Datasheet HTML 3Page - Recom International Power REC6 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-112
www.recom-electronic.com
REV: 0/2010
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Regulation
(HL-LL)
±0.3% max.
Load Regulation
(for output load current change from 20% to 100%)
±0.6% max.
Input Surge
(1 minute)
5V types
16V max.
12V types
25V max.
24V types
50V max.
48V types
100V max.
Undervoltage Lockout
(/X1 Versions)
5V types
3.5V typ. (±20%)
12V types
7V typ. (±20%)
24V types
15V typ. (±10%)
48V types
32V typ. (±10%)
Output Ripple and Noise
(0,1µF capacitor on output, 20MHz BW limited)
200mVp-p max.
Transient Response
(25% step change)
1ms typ.
Switching Frequency
(Full load and nominal input voltage)
100kHz min. / 350kHz max.
Input Filter
Pi Network
Capacitors
All types
MLCC capacitors only
Minimum Load
(Operation under no load will not damage the converter, but it may not meet all specifications)
10% Full Load
No Load Power Consumption
400mW max.
Isolation Voltage
R8 types
(tested for 1 second)
8000VDC min.
(rated for 1 minute)
4000VAC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
R10 types
(tested for 1 second)
10000VDC min.
(rated for 1 minute)
5000VAC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF typ.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
(Max operating temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature Range
(free air convection)
-40°C to +75°C (see Graph)
Case Temperature
105°C max.
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Potting Material
Silicone
Thermal Impedance
Natural convection
20°C/W
Package Weight
14g
Packing Quantity
15 pcs per Tube
100 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
953 x103 hours
(+75°C)
using MIL-HDBK 217F
234 x103 hours
EMC
Conducted Emissions
EN55022
Class A
(with 470µF//0.1µF capacitors across input) Radiated Emissions
EN55022
Class A
Reinforced Isolation
Transformer Creepage
/R8 and /R10 Types
4.6 mm min.
Transformer Clearance
/R8 and /R10 Types
2.4 mm min.
PCB Creepage & Clearance
/R8 and /R10 Types
6.0 mm min.
Optocoupler Creepage
/R8 and /R10 Types
6.0 mm min.
External Creepage and Clearance
Plastic Case
Input <> Output pins
14.2 mm min.
Certifications
CB Report
Medical Safety
Ref: CA/11158/CSA
IEC60601-1:1988 + A1: 1991 + A2:1995
CSA
Medical Safety
Report: 2202478
C22.2 601-1 2nd Ed.
UL 60601-1 1st Ed.
General Safety
Report: 2219431
C22.2 No. 60950-1-03
UL 60950-1 1st Ed.
Recognised as Reinforced Isolation
Supplement to Report: 2219431
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC6-S_DRW
/R* Series
ECONOLINE
DC/DC-Converter
}DetailedInformationsee
Application Notes chapter "MTBF"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com