Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD9010D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMD9010D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9010D Datasheet(HTML) 2 Page - NXP Semiconductors

  PMD9010D Datasheet HTML 1Page - NXP Semiconductors PMD9010D Datasheet HTML 2Page - NXP Semiconductors PMD9010D Datasheet HTML 3Page - NXP Semiconductors PMD9010D Datasheet HTML 4Page - NXP Semiconductors PMD9010D Datasheet HTML 5Page - NXP Semiconductors PMD9010D Datasheet HTML 6Page - NXP Semiconductors PMD9010D Datasheet HTML 7Page - NXP Semiconductors PMD9010D Datasheet HTML 8Page - NXP Semiconductors PMD9010D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PMD9010D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
2 of 16
NXP Semiconductors
PMD9010D
MOSFET driver
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Symbol
1
OUT
output
2
GND
ground
3
IN
input
4
RC
collector resistor
5
RC
collector resistor
6
VCC
supply voltage
13
2
4
5
6
006aaa657
3
2
1
4
5
6
TR2
D1
TR1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMD9010D
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PMD9010D
AA
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Transistor 1 (TR1)
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
0.1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
0.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com