Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPP40 Datasheet(PDF) 2 Page - Recom International Power

Part # RPP40
Description  40/50 Watt Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP40 Datasheet(HTML) 2 Page - Recom International Power

  RPP40 Datasheet HTML 1Page - Recom International Power RPP40 Datasheet HTML 2Page - Recom International Power RPP40 Datasheet HTML 3Page - Recom International Power RPP40 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PP-18
www.recom-electronic.com
REV: 0/2009
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Under Voltage Lockout
24V input
DC-DC ON (min.)
17.5VDC
DC-DC OFF (max.)
17VDC
48V input
DC-DC ON (min.)
35VDC
DC-DC OFF (max.)
34VDC
Input Filter
Common Mode EMC Filter
Input Voltage Variation dv/dt (Complies with ETS300 132 part 4.4)
5V/ms max
Input Surge Voltage (100 ms max.)
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple
nominal Vin and full load
30mAp-p
Start Up Time
nominal Vin and constant resistor load
2ms typ., 5ms max.
Remote ON/OFF (4)
DC-DC ON
Open or 3.0V < Vr < 5.5V
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2mA typ.
Output Power
50W max.
Output Voltage Accuracy
10% Load and nominal Vin
±1%
Voltage Adjustability
±10%
Minimum Load
0%
Line Regulation
low line, high line at full load
±0.3%
Load Regulation
10% to 100% full load
±0.5%
Ripple and Noise (20MHz bandwith limited)
3.3V, 5V
60mVp-p typ.
(measured with 1µF capacitor across output)
All others
40mVp-p typ.
Temperature Coefficient
±0.04%/°C max.
Transient Response
25% load step change
200µs
Over Load Protection
% of full load at nominal Vin
120% typ.
Short Circuit Protection
Hiccup, automatic recovery
Output Over Voltage Protection (refer to block diagram in Application Notes)
Converter shutdown if Vout > Vout nominal + 20%
Isolation Voltage
Rated at 2250VDC/1 minute, Flash tested at 3000VDC/1 second
Isolation Resistance
10M
Ω min.
Isolation Capacitance (refer to block diagram in Application Notes)
3000pF max.
Operating Frequency
260kHz ± 40kHz
RPP40 Operating Temperature Range
Ambient, Free Convection
-45°C to +89°C max (without derating)
RPP50 Operating Temperature Range
Ambient, Free Convection
-45°C to +81°C max (without derating)
-45°C to +105°C max (with derating)
Maximum Case Temperature
+120°C
Storage Temperature Range
-55°C to +125°C
Over Temperature Protection (refer to block diagram in Application Notes)
internal thermistor
Thermal Impedance
Vertical
7.3°C/Watt
(Natural convection
Horizontal
10°C/Watt
Relative Humidity
5% to 95% RH
Case Material (7)
Aluminium
Potting Material
Silicone (UL94-V0)
Weight
39g
Dimensions
2” x 1.2” x 0.48” (50.8 x 30.5 x 11.7mm)
POWERLINE+
DC/DC-Converter
RPP40/50
Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com