Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPP30-4805SW Datasheet(PDF) 3 Page - Recom International Power

Part # RPP30-4805SW
Description  30 Watt Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-4805SW Datasheet(HTML) 3 Page - Recom International Power

  RPP30-4805SW Datasheet HTML 1Page - Recom International Power RPP30-4805SW Datasheet HTML 2Page - Recom International Power RPP30-4805SW Datasheet HTML 3Page - Recom International Power RPP30-4805SW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
PP-15
REV:1/2009
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Safety Standards
UL-60950-1 Pending
Thermal Cycling
complies with MIL-STD-810F
Vibration
10-55Hz, 12G, 30 Min. along X, Y and Z
Conducted Emissions
EN55022
Class B
Radiated Emissions
EN55022
Class B
ESD
EN61000-4-2
Perf. Criteria B
Radiated Immunity
EN61000-4-3
Perf. Criteria A
Fast Transient (5)
EN61000-4-4
Perf. Criteria B
Surge (5)
EN61000-4-5
Perf. Criteria B
Conducted Immunity
EN61000-4-6
Perf. Criteria A
MTBF calculated according to BELLCORE TR-NWT-000332 (6)
2195 x 103 hours
Notes :
Recommended PCB Layout
C1
Fuse
C2
C3
C1
Fuse
C2
Single Output
Dual Output
1. Typical values at nominal input voltage and no load/full load.
2. Typical values at nominal input voltage and full load.
3. Typical values at nominal input voltage and full load in vertical orientation and with Eurocard-sized PCB ground planes to assist in heat dissipation.
For horizontal orientation, reduce the maximum temperatures by 10°C.
4. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is standard, no suffix (Ex. RPP30-2405SW)
Negative logic ON/OFF option has suffix /N (Ex. RPP30-2405SW/N)
5. Requires an external 100µF/100V low ESR capacitor to meet EN61000-4-4 and EN61000-4-5
6. Case l: 50% Stress, Temperature at 50°C (Ground Benign).
7. To ensure a good all-round electrical contact, the baseplate is pressed firmly into place within the aluminium housing.The hydraulic press can leave
tooling marks and deformations to both the housing and baseplate. The case is anodised aluminium, so there will be natural variations in the case
colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are cosmetic only and do not affect the
operation or performance of the converters.
Input Fuse is recommended, but optional. Recommended fuse rating = double maximum input current, time delay type.
Input Capacitor, C1, is required to meet EN61000 Surge and Fast Transient, otherwise it is not required for normal operation.
Output Capacitors C2/C3 are recommended, but not required for normal operation. Typical capacitor values are 1µF/100V MLCC
To ensure optimum thermal performance, use large areas of copper on the PCB to assist with heat dissipation and mount the converter vertically.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com