Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXC2011DT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXC2011DT1
Description  High Volume Sensor for Low Pressure Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXC2011DT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXC2011DT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXC2011DT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXC2011DT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXC2011DT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXC2011DT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MPXC2011DT1
Sensors
2
Freescale Semiconductor
Pressure
Freescale Semiconductor's MPXC2011DT1/
MPXC2012DT1 Pressure Sensor has been designed for
medical usage by combining the performance of Freescale
Semiconductor's shear stress pressure sensor design and
the use of biomedically approved materials. Materials with a
proven history in medical situations have been chosen to
provide a sensor that can be used with confidence in
applications, such as invasive blood pressure monitoring. It
can be sterilized using ethylene oxide. The portions of the
pressure sensor that are required to be biomedically
approved are the rigid housing and the gel coating.
The rigid housing is molded from a white, medical grade
polysulfone that has passed extensive biological testing
including: 10993-5:1999, 10993-10:2002, and 10993-
11:1993.
The MPXC2011DT1 contains a silicone dielectric gel
which covers the silicon piezoresistive sensing element. The
gel is a nontoxic, nonallergenic elastomer system which
meets all USP XX Biological Testing Class V requirements.
The properties of the gel allow it to transmit pressure
uniformly to the diaphragm surface, while isolating the
internal electrical connections from the corrosive effects of
fluids, such as saline solution. The gel provides electrical
isolation sufficient to withstand defibrillation testing, as
specified in the proposed Association for the Advancement of
Medical Instrumentation (AAMI) Standard for blood pressure
transducers. A biomedically approved opaque filler in the gel
prevents bright operating room lights from affecting the
performance of the sensor.
The MPXC2012DT1 is a no-gel option.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com