Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7007DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV7007DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV7007DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV7007DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV7007DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPXV7007
Rev 1, 1/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005, 2009. All rights reserved.
Pressure
+
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXV7007 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This transducer combines advanced micromachining techniques, thin-
film metallization, and bipolar processing to provide an accurate, high level
analog output signal that is proportional to the applied pressure.
Features
• 5.0% Maximum Error Over 0
° to 85°C
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated Over –40
° to +125°C
• Thermoplastic (PPS) Surface Mount Package
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package
MPXV7007GC6U
Rails
482A
•
•
MPXV7007G
MPXV7007GC6T1
Tape & Reel
482A
•
•
MPXV7007G
MPXV7007GP
Trays
1369
•
•
MPXV7007GP
MPXV7007DP
Trays
1351
•
•
MPXV7007DP
MPXV7007G6T1
Tape & Reel
482
•
•
MPXV7007G
MPXV7007G6U
Rails
482
•
•
MPXV7007G
MPXV7007
Series
-7 to 7 kPa (-1 to 1 psi)
0.5 to 4.5 V Output
SMALL OUTLINE PACKAGE
MPXV7007GC6U/C6T1
CASE 482A-01
MPXV7007DP
CASE 1351-01
MPXV7007GP
CASE 1369-01
MPXV7007G6T1/U
CASE 482-01
Application Examples
•
Hospital Beds
•HVAC
•
Respiratory Systems
•
Process Control


Similar Part No. - MPXV7007DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV7007DP FREESCALE-MPXV7007DP Datasheet
131Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV7007DP NXP-MPXV7007DP Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
MPXV7007DPT1 NXP-MPXV7007DPT1 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results

Similar Description - MPXV7007DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com