Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T521 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T521
Description  T521 Series - High Voltage Polymer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521 Datasheet(HTML) 1 Page - Kemet Corporation

  T521 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T521 Series - High Voltage Polymer
Product Specification
Features
- High Voltage (16V - 35V)
- Volumetrically Efficient
- Stable temperature characteristics
- Up to 68uF Capacitance value
- Safe failure mode
- Pb Free
#/RoHS Compliant & Halogen Free
- High Ripple Current Capability
- Low ESR
# When ordered with 100% Sn Termination Finish
Specifications
Item
Operating Temperature
Rated Capacitance Range
Capacitance Tolerance
Rated Voltage Range
Dissipation Factor (DF)
≤ 10%
ESR (100KHz)
Refer to Part Number Electrical Specification Table
Leakage Current
ΔC/C
Within -20/+10 of initial value
DF
≤ Initial Limit
DCL
IL @ 105º C, 2x IL @ 125º C
ESR
2x Initial Limit
ΔC/C
Within -5%/+35% of initial value
DF
≤ Initial Limit
DCL
Within 3.0 x initial limit
+25°C
-55°C
+85°C
+125°C
ΔC/C
IL*
+/-20%
+/-20%
+/-30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
10 x IL
ΔC/C
Within -20/+10 of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
* IL = Initial Limit
Component Dimensions and Case Codes
FS
± 0.1
± 0.3
KEMET
EIA
Surge Voltage
105°C, 1.32 x Rated Voltage 1000 cycles
Humidity
60° C, 90% RH, 500Hr, No Load
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25
C, -55 C, +25 C, +85 C, +125 C, +25
C.
Case Codes
Endurance
105° C @ Rated Voltage, 2000 Hrs.
125° C @ 2/3 Rated Voltage, 2000 Hrs.
Performance Characteristics
-55° C to 125° C
15uF - 68uF @ 120 Hz/25° C
M Tolerance (20%)
Component Dimensions (mm)
LW
H
16V - 35V
≤ 0.1CV (
μA) at Rated Voltage after 5 minutes
These products are protected under US Patent 7,563,290, other patents pending, and any foreign counterparts.
rev EJY100909
KEMET
EIA
V
7343-20
7.3±0.3
4.3±0.3
1.9 max
2.4
1.3
W
7343-15
7.3±0.3
4.3±0.3
1.5 max
2.4
1.3
D
7343-31
7.3±0.3
4.3±0.3
2.8±0.3
2.4
1.3
X
7343-43
7.3±0.3
4.3±0.3
4.0±0.3
2.4
1.3
Component Marking
T521
V
156
M
035
A
T
E125
Series
Case Code
Capacitance Capacitance
Voltage
Failure Rate
Termination
Maximum
Tolerance
(A=Not Applicable)
Material
ESR Limit
(M=20%)
T = 100% Sn
E125=125m
Ω
(H = 90%Sn/10%Pb)
Part Number Specification
KEMET Part Number
Case Code/
EIA Case
Size
Cap
(µF)
Voltage
DCL VR
(µA)
DF 120Hz
(%)
ESR
100KHz*
(m
Ω)
Maximum
allowable ripple
current (mArms)
100kHz*
MSL Reflow Temp
≤260ºC
T521V686M016A(1)E050#
V/7343-20
68
16
108.8
10
50
1900.0
3.0
T521V476M020A(1)E090
V/7343-20
47
20
94.0
10
90
1400.0
3.0
T521D476M020A(1)E055
D/7343-31
47
20
94.0
10
55
1700.0
3.0
T521V226M025A(1)E060#
V/7343-20
22
25
55.0
10
60
1800.0
3.0
T521D336M025A(1)E060#
D/7343-31
33
25
82.5
10
60
1600.0
3.0
T521V156M035A(1)E125
V/7343-20
15
35
52.5
10
125
1200.0
3.0
T521X476M035A(1)E070#
X/7343-43
47
35
164.5
10
70
1500.0
3.0
(1) To complete KEMET Part Number, insert letter designation for lead frame material
*100KHz to 500KHz, 45 C
# Development Part Number: Contact Kemet for Details
Explanation of Part Number
These products are protected under US Patent 7,563,290, other patents pending, and any foreign counterparts.
rev EJY100909


Similar Part No. - T521

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T521001 E-SWITCH-T521001 Datasheet
127Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T521003 E-SWITCH-T521003 Datasheet
127Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T521004 E-SWITCH-T521004 Datasheet
163Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T521005 E-SWITCH-T521005 Datasheet
238Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T521007 E-SWITCH-T521007 Datasheet
163Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T521

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521X476M035ATE030 KEMET-T521X476M035ATE030 Datasheet
2Mb / 16P
T521 High Voltage Polymer Tantalum
T521V226M025ATE060 KEMET-T521V226M025ATE060_15 Datasheet
1Mb / 18P
High Voltage Polymer Electrolytic
T521V106M035ATE120 KEMET-T521V106M035ATE120 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 120mOhms, 2mm
T521V156M035ATE100 KEMET-T521V156M035ATE100 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 35 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 100mOhms, 2mm
T521V226M025ATE040 KEMET-T521V226M025ATE040 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521T336M016ATE045 KEMET-T521T336M016ATE045 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, 1.2mm
T521V156M025ATE040 KEMET-T521V156M025ATE040 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 2mm
T521V565M050ATE090 KEMET-T521V565M050ATE090 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 90mOhms, 2mm
T521X157M016ATE080 KEMET-T521X157M016ATE080 Datasheet
77Kb / 1P
Tantalum, Polymer Tantalum, T521, 150 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, 4.3mm
T521T106M025ATE060 KEMET-T521T106M025ATE060 Datasheet
66Kb / 1P
Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 25 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 60
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com