Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YEV09T10-R Datasheet(PDF) 4 Page - Power-One

Part # YEV09T10-R
Description  10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T10-R Datasheet(HTML) 4 Page - Power-One

  YEV09T10-R Datasheet HTML 1Page - Power-One YEV09T10-R Datasheet HTML 2Page - Power-One YEV09T10-R Datasheet HTML 3Page - Power-One YEV09T10-R Datasheet HTML 4Page - Power-One YEV09T10-R Datasheet HTML 5Page - Power-One YEV09T10-R Datasheet HTML 6Page - Power-One YEV09T10-R Datasheet HTML 7Page - Power-One YEV09T10-R Datasheet HTML 8Page - Power-One YEV09T10-R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
YEV09T10 10A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02092 Rev 1.1, 25-Mar-09
www.power-one.com
Page 4 of 12
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Current (IOUT)
VIN MIN to VIN MAX
0
10
ADC
Turn-On Delay Time
1
POL is Enabled
ON/OFF pin is pulled high
From VIN=VIN MIN to VOUT=0.1*VOUT.SET
0.4
1
ms
Turn-On Delay Time
1
POL is Disabled
VIN=12V
From ON/OFF pin changing its state
from low to high until VOUT=0.1*VOUT.SET
0.3
1
ms
Rise Time
1
COUT=0 µF, Resistive Load
From VOUT=0.1*VOUT.SET to
VOUT=0.9*VOUT.SET
1.3
2
ms
Admissible Output Capacitance
IOUT=IOUT MAX, Resistive load, ESR>1mΩ
1,140
µF
__________________________
1
Total start-up time is the sum of the turn-on delay time and the rise time
4.3
Protection Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Overcurrent Protection
Type
Auto-Restart
Inception Point
105
150
180
%IOUT
Output Short Circuit
Current (RMS value)
ROUT<0.01Ω
2
5
A
Output Overvoltage Protection
Type
Auto-Restart
Threshold
IOUT=IOUT MAX, room temperature
112
115
118
%VO.SET
4.4
Feature Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Enable (ON/OFF pin)
ON/OFF Logic
Positive (enables the output
when ON/OFF pin is open or
pulled high)
N/A
ON/OFF High Input Voltage
POL is ON
2.4
5.5
VDC
ON/OFF High Input Current
POL is ON
1.0
mADC
ON/OFF Low Input Voltage
POL is OFF
-0.3
0.4
VDC
ON/OFF Low Input Current
POL is OFF
0.55
µADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com