Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP267VG-TL Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TOP267VG-TL
Description  Integrated Off-Line Switcher with EcoSmart Technology for Highly Efficient Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP267VG-TL Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TOP267VG-TL Datasheet HTML 1Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 2Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 3Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 4Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 5Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 6Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 7Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 8Page - Power Integrations, Inc. TOP267VG-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Rev. B 03/10
3
TOP264-271
www.powerint.com
Figure 2.
Functional Block Diagram (E and V Package).
PI-4511-012810
SHUTDOWN/
AUTO-RESTART
CLOCK
CONTROLLED
TURN-ON
GATE DRIVER
CURRENT LIMIT
COMPARATOR
INTERNAL UV
COMPARATOR
INTERNAL
SUPPLY
5.8 V
4.8 V
SOURCE (S)
SOURCE (S)
S
R
Q
D
MAX
STOP SOFT
START
CONTROL (C)
VOLTAGE
MONITOR (V)
FREQUENCY (F)
-
+
5.8 V
I
FB
1 V
Z
C
V
C
+
-
+
-
+
-
LEADING
EDGE
BLANKING
÷ 16
1
HYSTERETIC
THERMAL
SHUTDOWN
SHUNT REGULATOR/
ERROR AMPLIFIER
+
-
DRAIN (D)
ON/OFF
DC
MAX
DC
MAX
66k/132k
0
OV/
UV
OVP
V
VI (LIMIT)
CURRENT
LIMIT
ADJUST
V
BG + VT
LINE
SENSE
SOFT START
OFF
F REDUCTION
F REDUCTION
STOP LOGIC
EXTERNAL CURRENT
LIMIT (X)
OSCILLATOR
WITH JITTER
PWM
K
PS(UPPER)
K
PS(LOWER)
SOFT START
I
FB
I
PS(UPPER)
I
PS(LOWER)
K
PS(UPPER)
K
PS(LOWER)
Pin Functional Description
DRAIN (D) Pin:
High-voltage power MOSFET DRAIN pin. The internal start-up
bias current is drawn from this pin through a switched high-
voltage current source. Internal current limit sense point for
drain current.
CONTROL (C) Pin:
Error amplifier and feedback current input pin for duty cycle
control. Internal shunt regulator connection to provide internal
bias current during normal operation. It is also used as the
connection point for the supply bypass and auto-restart/
compensation capacitor.
EXTERNAL CURRENT LIMIT (X) Pin:
Input pin for external current limit adjustment remote
ON/OFF and device reset. A connection to SOURCE pin
disables all functions on this pin.
VOLTAGE MONITOR (V) Pin:
Input for OV, UV, line feed forward with DC
MAX reduction, output
overvoltage protection (OVP), remote ON/OFF. A connection to
the SOURCE pin disables all functions on this pin.
FREQUENCY (F) Pin:
Input pin for selecting switching frequency 132 kHz if connected
to SOURCE pin and 66 kHz if connected to CONTROL pin.
SOURCE (S) Pin:
Output MOSFET source connection for high voltage power return.
Primary side control circuit common and reference point.
NO CONNECTION (NC) Pin:
Internally not connected, floating potential pin.
Figure 3.
Pin Configuration (Top View).
PI-5568-083109
Exposed Pad
(Hidden)
Internally
Connected to
SOURCE Pin
7
D
5
S
4
F
3
C
2
X
1
V
E Package (eSIP-7C)
V Package (eDIP-12)
1 V
2 X
3 C
4 F
5 NC
6 D
S 12
S 11
S 10
S 9
S 8
S 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com