Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROV07 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ROV07
Description  7mm Series Metal Oxide Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07 Datasheet(HTML) 2 Page - Tyco Electronics

  ROV07 Datasheet HTML 1Page - Tyco Electronics ROV07 Datasheet HTML 2Page - Tyco Electronics ROV07 Datasheet HTML 3Page - Tyco Electronics ROV07 Datasheet HTML 4Page - Tyco Electronics ROV07 Datasheet HTML 5Page - Tyco Electronics ROV07 Datasheet HTML 6Page - Tyco Electronics ROV07 Datasheet HTML 7Page - Tyco Electronics ROV07 Datasheet HTML 8Page - Tyco Electronics ROV07 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
2 of 10
PART NUMBERING
ROV 07 – 241 K -S -2
Raychem ROV series
Packaging
: Bulk
Disk Diameter
-2 : Tape & Reel
7mm
-AP : Ammo Pack
Surge series
Lead Type
- : Standard Series
: Kinked Lead
H : High Surge Series
-S : Straight Lead
Varistor Voltage
Tolerance
241 = 24 x 10^1 = 240V
K : ±10%
L : ±15%
M : ±20%
471K
VDE
GENERAL CHARACTERISTICS
Storage temperature:
-40°C … +125°C
Maximum operating temperature:
-40°C … +125°C
Maximum working surface temperature:
+115°C
Temperature coefficient of voltage:
0 … +0.05% / °C max.
Insulation resistance of coating (@ 500 VDC):
Over 1000MΩ
Maximum response time:
25ns
Lead Material:
22 AWG Sn/Pb Plated Copper
AGENCY RECOGNITION
Device Ratings and Characteristics Tables contain specific recognition information for each individual part. The table below details
marking symbols for each agency recognition type.
UL1449
(2nd Edition)
UL1414
CSA
VDE
DEVICE MARKING
Raychem Logo
471 K
Voltage Designator
Tolerance (± 10%)
- Lot Identification
- Agency Marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com