Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1987376-3 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 1987376-3
Description  SOLARLOK Photovoltaic Interconnection System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1987376-3 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 1987376-3 Datasheet HTML 17Page - Tyco Electronics 1987376-3 Datasheet HTML 18Page - Tyco Electronics 1987376-3 Datasheet HTML 19Page - Tyco Electronics 1987376-3 Datasheet HTML 20Page - Tyco Electronics 1987376-3 Datasheet HTML 21Page - Tyco Electronics 1987376-3 Datasheet HTML 22Page - Tyco Electronics 1987376-3 Datasheet HTML 23Page - Tyco Electronics 1987376-3 Datasheet HTML 24Page - Tyco Electronics 1987376-3 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Field Wiring, Switching and Protection
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
19
The photovoltaic integrator
looks for best fit solutions to
wire various types and sizes
of solar generators.
The new product concept
from Tyco Electronics provides
this flexibility to photovoltaic
integrators.
The modular product can
be comprised of a switch,
lightning protection, fuses or
any combination of these
or other commonly available
components.
We can customize a product
to fit your specific application.
Please contact us with your
requirements.
I One- / two-pole switch
I Main switch function
I Lockable
I Current up to 60 A DC
I Voltage up to 1,000 V DC
I 2 to 6 strings input
I Cable cross section
up to 6 mm2
I SOLARLOK connectors
I Current up to 60 A DC
I Voltage up to 1,000 V DC
I Lightning protection
Your Solution
Switching
Collecting
Protecting
Product Features
I Modular product concept
I One- / two-pole switches
I Current up to 60 A DC
I Voltage up to 1,000 V DC
I Compact, standardized design
I Proven quality
I TÜV and UL pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com