Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMSS3906 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMSS3906
Description  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMSS3906 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMSS3906 Datasheet HTML 1Page - NXP Semiconductors PMSS3906 Datasheet HTML 2Page - NXP Semiconductors PMSS3906 Datasheet HTML 3Page - NXP Semiconductors PMSS3906 Datasheet HTML 4Page - NXP Semiconductors PMSS3906 Datasheet HTML 5Page - NXP Semiconductors PMSS3906 Datasheet HTML 6Page - NXP Semiconductors PMSS3906 Datasheet HTML 7Page - NXP Semiconductors PMSS3906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Jan 09
2
NXP Semiconductors
Product data sheet
PNP switching transistor
PMSS3906
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• Switching, e.g. telephony and professional
communication equipment.
DESCRIPTION
PNP switching transistor in an SOT323 (SC-70) plastic
package. NPN complement: PMSS3904.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−
−40
V
IC
collector current
−
−100
mA
hFE
DC current gain
100
300
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE(1)
NPN COMPLEMENT
PHILIPS
EIAJ
PMSS3906
SOT323
SC-70
06*
PMSS3904
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PMSS3906
1
base
2
emitter
3
collector
handbook, halfpage
MAM048
Top view
2
1
3
2
3
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com